전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4432COA 데이터시트(PDF) 10 Page - Microchip Technology

부품명 TC4432COA
상세설명  1.5A High-Speed 30V MOSFET Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4432COA 데이터시트(HTML) 10 Page - Microchip Technology

Back Button TC4432COA Datasheet HTML 6Page - Microchip Technology TC4432COA Datasheet HTML 7Page - Microchip Technology TC4432COA Datasheet HTML 8Page - Microchip Technology TC4432COA Datasheet HTML 9Page - Microchip Technology TC4432COA Datasheet HTML 10Page - Microchip Technology TC4432COA Datasheet HTML 11Page - Microchip Technology TC4432COA Datasheet HTML 12Page - Microchip Technology TC4432COA Datasheet HTML 13Page - Microchip Technology TC4432COA Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TC4431/TC4432
DS21424C-page 10
 2003 Microchip Technology Inc.
8-Lead Ceramic Dual In-line (JA) – 300 mil (CERDIP)
10.16
9.15
8.13
.400
.360
.320
eB
Overall Row Spacing
0.51
0.46
0.41
.020
.018
.016
B
Lower Lead Width
1.65
1.40
1.14
.065
.055
.045
B1
Upper Lead Width
0.38
0.29
0.20
.015
.012
.008
c
Lead Thickness
5.08
4.13
3.18
.200
.163
.125
L
Tip to Seating Plane
10.16
9.78
9.40
.400
.385
.370
D
Overall Length
7.62
6.73
5.84
.300
.265
.230
E1
Ceramic Pkg. Width
8.13
7.75
7.37
.320
.305
.290
E
Shoulder to Shoulder Width
1.02
0.77
0.51
.040
.030
.020
A1
Standoff §
5.08
4.57
4.06
.200
.180
.160
A
Top to Seating Plane
2.54
.100
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
JEDEC Equivalent: MS-030
Drawing No. C04-010
*Controlling Parameter
1
2
D
n
E1
c
eB
E
p
L
A2
B
B1
A
A1


유사한 부품 번호 - TC4432COA

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4432COA TELCOM-TC4432COA Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Microchip Technology
TC4432COA MICROCHIP-TC4432COA Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
More results

유사한 설명 - TC4432COA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4432VOA MICROCHIP-TC4432VOA Datasheet
293Kb / 18P
   1.5A High-Speed 30V MOSFET Drivers
10/05/07
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4431 TELCOM-TC4431 Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com