전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7662A 데이터시트(PDF) 3 Page - Microchip Technology

부품명 TC7662A
상세설명  Charge Pump DC-to-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662A 데이터시트(HTML) 3 Page - Microchip Technology

  TC7662A_02 Datasheet HTML 1Page - Microchip Technology TC7662A_02 Datasheet HTML 2Page - Microchip Technology TC7662A_02 Datasheet HTML 3Page - Microchip Technology TC7662A_02 Datasheet HTML 4Page - Microchip Technology TC7662A_02 Datasheet HTML 5Page - Microchip Technology TC7662A_02 Datasheet HTML 6Page - Microchip Technology TC7662A_02 Datasheet HTML 7Page - Microchip Technology TC7662A_02 Datasheet HTML 8Page - Microchip Technology TC7662A_02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2002 Microchip Technology Inc.
DS21468B-page 3
TC7662A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage VDD to GND.................................+18V
Input Voltage (Any Pin) .........(VDD + 0.3) to (VSS – 0.3)
Current into Any Pin ............................................ 10mA
Output Short Circuit ........... Continuous (at 5.5V Input)
ESD Protection ................................................ ±2000V
Package Power Dissipation (TA ≤ 70°C)
8-Pin CERDIP .......................................... 800mW
8-Pin PDIP ............................................... 730mW
Package Thermal Resistance
CPA, EPA
θJA.........................................140°C/W
IJA, MJA
θJA ............................................90°C/W
Operating Temperature Range
C Suffix............................................ 0°C to +70°C
I Suffix .......................................... -25°C to +85°C
E Suffix......................................... -40°C to +85°C
M Suffix ...................................... -55°C to +125°C
Storage Temperature Range .............. -65°C to +150°C
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC7662A ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD = 15V, TA = +25°C, Test circuit (Figure 3-1) unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
3
18
V
IS
Supply Current
510
560
650
190
210
210
700
µARL = ∞
VDD = +15V
0
°C ≤ TA ≤ +70°C
-55°C
≤ TA ≤ +125°C
VDD = +5V
0
°C ≤ TA ≤ +70°C
-55°C
≤ TA ≤ +125°C
RO
Output Source Resistance
40
50
100
50
60
125
IL = 20mA, VDD = +15V
IL = 40mA, VDD = +15V
IL = 3mA, VDD = +5V
FOSC
Oscillator Frequency
12
kHz
PEFF
Power Efficiency
93
97
%VDD = +15V
RL = 2kΩ
VEFF
Voltage Efficiency
99
96
99.9
%VDD = +15V
RL = ∞
Over operating temperature range.


유사한 부품 번호 - TC7662A_02

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC7662ACPA TELCOM-TC7662ACPA Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662AEPA TELCOM-TC7662AEPA Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662AEPA MICROCHIP-TC7662AEPA Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
More results

유사한 설명 - TC7662A_02

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com