전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8569 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA8569
상세설명  4 x 25 W BTL quad car radio power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8569 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA8569 Datasheet HTML 6Page - NXP Semiconductors TDA8569 Datasheet HTML 7Page - NXP Semiconductors TDA8569 Datasheet HTML 8Page - NXP Semiconductors TDA8569 Datasheet HTML 9Page - NXP Semiconductors TDA8569 Datasheet HTML 10Page - NXP Semiconductors TDA8569 Datasheet HTML 11Page - NXP Semiconductors TDA8569 Datasheet HTML 12Page - NXP Semiconductors TDA8569 Datasheet HTML 13Page - NXP Semiconductors TDA8569 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Mar 27
10
Philips Semiconductors
Preliminary specification
4
× 25 W BTL quad car radio power
amplifier
TDA8569Q
TEST AND APPLICATION INFORMATION
Fig.7 Application circuit diagram.
Special care must be taken in the PCB-layout to separate pin 9 from the pins 10, 11 13 and 14 to minimize the crosstalk between the clip output
and the inputs.
To avoid switch-on plops, it is advised to keep the amplifier in the mute mode during a period of
≥150 ms (charging the input capacitors at pin
10, 11, 13 and 14).
handbook, full pagewidth
MBK011
OUT1
+
RL = 4 Ω
OUT1
+
+
Vref
2
IN1
input 1
IN2
input 2
4
15
10
MODE
2200
µF
100 nF
23
+14.4 V
16
8
1
VP1
VP2
VP3
VP4
VP
30 k
OUT2
+
RL = 4 Ω
OUT2
+
+
7
5
11
30 k
470 nF
470 nF
470 nF
470 nF
21
18
6
3
PGND1
PGND2
PGND3
PGND4
power ground (substrate)
OUT3
+
RL = 4 Ω
OUT3
+
+
Vref
17
IN3
SGND
TDA8569Q
input 3
IN4
input 4
19
13
12
30 k
OUT4
+
RL = 4 Ω
OUT4
+
+
22
20
14
30 k
10 k
VDIAG
+VP
DIAGNOSTIC
diagnostic
output
9


유사한 부품 번호 - TDA8569

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
More results

유사한 설명 - TDA8569

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com