전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA8571J 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA8571J
상세내용  4 x 40 W BTL quad car radio power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 6 page
background image
1998 Mar 13
6
Philips Semiconductors
Preliminary specification
4 x 40 W BTL quad car radio power
amplifier
TDA8571J
Fig.5 Short-circuit waveform.
handbook, full pagewidth
MGG156
short-circuit over the load
10 ms
50
µs
t
t
VP
short
circuit
current
V9




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA8591J4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8567Q4 x 25 W BTL quad car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8568Q4 x 25 W BTL quad car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8569Q4 x 25 W BTL quad car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
TDA1516CQ24 W BTL car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl