전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8580J 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA8580J
상세설명  Multi-purpose power amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8580J 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA8580J Datasheet HTML 6Page - NXP Semiconductors TDA8580J Datasheet HTML 7Page - NXP Semiconductors TDA8580J Datasheet HTML 8Page - NXP Semiconductors TDA8580J Datasheet HTML 9Page - NXP Semiconductors TDA8580J Datasheet HTML 10Page - NXP Semiconductors TDA8580J Datasheet HTML 11Page - NXP Semiconductors TDA8580J Datasheet HTML 12Page - NXP Semiconductors TDA8580J Datasheet HTML 13Page - NXP Semiconductors TDA8580J Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2000 Apr 18
10
Philips Semiconductors
Preliminary specification
Multi-purpose power amplifier
TDA8580J
handbook, halfpage
DIAG
amplifier
output
short-circuit to
GND
VP
MGE022
Fig.5
Diagnostic waveform: short-circuit to GND
or VP.
handbook, halfpage
1
10−1
10−2
MGS700
10
102
103
104
105
fi (Hz)
THD
(%)
(2)
(1)
Fig.6
Total harmonic distortion as a function of
frequency; BTL mode.
RL =4 Ω; VP = 14.4 V; 2 channel driven.
(1) Po =1W.
(2) Po =10W.
handbook, halfpage
1
10−1
10−2
MGS701
THD
(%)
(2)
(1)
10
102
103
104
105
fi (Hz)
Fig.7
Total harmonic distortion as a function of
frequency; BTL mode.
RL =8 Ω; VP = 24 V; 2 channel driven.
(1) Po =1W.
(2) Po =10W.
handbook, halfpage
1
10−1
10−2
MGS702
THD
(%)
10
102
103
104
105
fi (Hz)
Fig.8
Total harmonic distortion as a function of
frequency; SE mode.
Po = 1 W; RL =4 Ω; VP = 14.4 V; 4 channel driven.


유사한 부품 번호 - TDA8580J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
More results

유사한 설명 - TDA8580J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
logo
National Semiconductor ...
LM776 NSC-LM776 Datasheet
287Kb / 9P
   MULTI-PURPOSE PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
BC847S FAIRCHILD-BC847S Datasheet
51Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A Datasheet
61Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A Datasheet
62Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com