전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8581 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TDA8581
상세설명  Multi-purpose high-gain power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8581 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TDA8581 Datasheet HTML 2Page - NXP Semiconductors TDA8581 Datasheet HTML 3Page - NXP Semiconductors TDA8581 Datasheet HTML 4Page - NXP Semiconductors TDA8581 Datasheet HTML 5Page - NXP Semiconductors TDA8581 Datasheet HTML 6Page - NXP Semiconductors TDA8581 Datasheet HTML 7Page - NXP Semiconductors TDA8581 Datasheet HTML 8Page - NXP Semiconductors TDA8581 Datasheet HTML 9Page - NXP Semiconductors TDA8581 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 May 27
6
Philips Semiconductors
Preliminary specification
Multi-purpose high-gain power amplifier
TDA8581
FUNCTIONAL DESCRIPTION
The TDA8581 is a multi-purpose power amplifier with four
amplifiers which can be connected in the following
configurations with high output power and low distortion (at
minimum quiescent current);
• Dual bridge-tied load (BTL) amplifiers
• Quad single-ended amplifiers
• Dual single-ended amplifiers and one bridge-tied load
amplifier.
The amplifier can be switched on (play or ‘mute’) and off
(‘standby’) by the MUTE and STANDBY pins (for
interfacing directly with a microcontroller). One-pin
operation is also possible by applying a voltage greater
than 8 V to the ‘standby’/’mute’/’on’ selection pin (pin 5) to
switch the amplifier in ‘on’ mode.
Special attention is given to the dynamic behaviour as
follows:
• Noise suppression during engine start.
• No plops when switching from ‘standby’ to ‘on’.
• Slow offset change between ‘mute’ and ‘on’ (controlled
by MUTE and STANDBY pins).
• Low noise levels, which are independent of the supply
voltage.
Protections are included to avoid the IC being damaged at:
• Over temperature: T > 150 °C.
• Short-circuit of the output pin(s) to ground or supply rail.
When short-circuited, the power dissipation is limited.
• A missing-current limiter which limits the maximum short
circuit output current to PGND or VP pins to 1.5 A.
The dissipation and speaker current will be minimized
because the short-circuited amplifier is switched off.
The chip temperature is limited by the temperature
protection.
• ESD protection (Human Body Model 3000 V, Machine
Model 300 V).
• Energy handling. A DC voltage of 6 V can be connected
to the output of any amplifier while the supply pins are
short-circuited to ground. No high DC current will flow
from the supply pins of the amplifier.
• Reverse battery only with protection diode added.
Diagnostics are available for the following conditions
(see Figs 4 to 7):
• Amplifier in ‘mute’
• Chip temperature greater than 145 °C
• Distortion over 2.0% due to clipping
• Short-circuit protection active.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. The maximum supply voltage under short circuit conditions is 28 V with an additional resistor in the supply line of
tbf
Ω.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
8
28
V
load dump protected;
see Fig.3
45
V
VDIAG
voltage on diagnostic pin
18
V
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4.5
A
Vrev
reverse polarity voltage
6V
Vsc
AC and DC short-circuit voltage of output
pins across loads and to ground or supply
pins
no external series
resistor in supply line;
note 1
24
V
Ptot
total power dissipation
75
W
Tj
junction temperature
150
°C
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+150
°C


유사한 부품 번호 - TDA8581

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8588AJ PHILIPS-TDA8588AJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8588BJ PHILIPS-TDA8588BJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

유사한 설명 - TDA8581

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
logo
Analog Devices
HMC1127 AD-HMC1127 Datasheet
390Kb / 16P
   MMIC, High Gain Power Amplifier
logo
Pasternack Enterprises,...
PE15A5001 PASTERNACK-PE15A5001 Datasheet
476Kb / 6P
   High Power High Gain Amplifier, SMA
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
   MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
NTE Electronics
NTE90 NTE-NTE90 Datasheet
19Kb / 2P
   Silicon Complementary Transistors General Purpose High Gain Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com