전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8752H 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA8752H
상세설명  Triple high speed Analog-to-Digital Converter ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA8752H Datasheet HTML 3Page - NXP Semiconductors TDA8752H Datasheet HTML 4Page - NXP Semiconductors TDA8752H Datasheet HTML 5Page - NXP Semiconductors TDA8752H Datasheet HTML 6Page - NXP Semiconductors TDA8752H Datasheet HTML 7Page - NXP Semiconductors TDA8752H Datasheet HTML 8Page - NXP Semiconductors TDA8752H Datasheet HTML 9Page - NXP Semiconductors TDA8752H Datasheet HTML 10Page - NXP Semiconductors TDA8752H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1999 Mar 09
7
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
DEC2
2
main regulator decoupling input
Vref
3
gain stabilizer voltage reference input
DEC1
4
main regulator decoupling input
n.c.
5
not connected
RAGC
6
red channel AGC output
RBOT
7
red channel ladder decoupling input (BOT)
RGAINC
8
red channel gain capacitor input
RCLP
9
red channel gain clamp capacitor input
RDEC
10
red channel gain regulator decoupling input
VCCAR
11
red channel gain analog power supply
RIN
12
red channel gain analog input
AGNDR
13
red channel gain analog ground
GAGC
14
green channel AGC output
GBOT
15
green channel ladder decoupling input (BOT)
GGAINC
16
green channel gain capacitor input
GCLP
17
green channel gain clamp capacitor input
GDEC
18
green channel gain regulator decoupling input
VCCAG
19
green channel gain analog power supply
GIN
20
green channel gain analog input
AGNDG
21
green channel gain analog ground
BAGC
22
blue channel AGC output
BBOT
23
blue channel ladder decoupling input (BOT)
BGAINC
24
blue channel gain capacitor input
BCLP
25
blue channel gain clamp capacitor input
BDEC
26
blue channel gain regulator decoupling input
VCCAB
27
blue channel gain analog power supply
BIN
28
blue channel gain analog input
AGNDB
29
blue channel gain analog ground
n.c.
30
not connected
n.c.
31
not connected
I2C/3W
32
selection input between I2C-bus (active HIGH) and 3-wire serial bus (active LOW)
ADD1
33
I2C-bus address control input 1
ADD2
34
I2C-bus address control input 2
TCK
35
scan test mode (active HIGH)


유사한 부품 번호 - TDA8752H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/8 PHILIPS-TDA8752AH/8 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752B PHILIPS-TDA8752B Datasheet
154Kb / 36P
   Triple high-speed Analog-to-Digital Converter 110 Msps ADC
2000 Jan 10
More results

유사한 설명 - TDA8752H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752B PHILIPS-TDA8752B Datasheet
154Kb / 36P
   Triple high-speed Analog-to-Digital Converter 110 Msps ADC
2000 Jan 10
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
logo
List of Unclassifed Man...
AL875 ETC-AL875 Datasheet
361Kb / 34P
   Triple High Speed, 8-bit Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com