전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8776AK 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA8776AK
상세설명  10-bit, 1000 Msps Digital-to-Analog Converter DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8776AK 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA8776AK Datasheet HTML 6Page - NXP Semiconductors TDA8776AK Datasheet HTML 7Page - NXP Semiconductors TDA8776AK Datasheet HTML 8Page - NXP Semiconductors TDA8776AK Datasheet HTML 9Page - NXP Semiconductors TDA8776AK Datasheet HTML 10Page - NXP Semiconductors TDA8776AK Datasheet HTML 11Page - NXP Semiconductors TDA8776AK Datasheet HTML 12Page - NXP Semiconductors TDA8776AK Datasheet HTML 13Page - NXP Semiconductors TDA8776AK Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1996 Jun 04
10
Philips Semiconductors
Product specification
10-bit, 1000 Msps Digital-to-Analog
Converter (DAC)
TDA8776A
Fig.7 Typical output spectrum; fclk = 1000 MHz; fOUT = 200 MHz.
handbook, full pagewidth
500
20
0
−100
0
100
200
300
400
f (MHz)
MGD476
−20
−40
−60
−80
DAC
OUTPUT
SPECTRUM
(dB)
Fig.8 Data set-up and hold times.
The shaded areas indicate when the input data may change and be correctly registered. Data input update must be completed within tbf ns after the
falling edge of the clock (tSU;DAT is negative; tbf ns). Data must be held at least tbf ns after the falling edge (tHD;DAT = tbf ns).
handbook, full pagewidth
HD; DAT
t
input data
CLK
MLD202
SU; DAT
t
0.9 V
1.35 V
1.8 V
0.9 V
1.35 V
1.8 V
stable


유사한 부품 번호 - TDA8776AK

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
TDA8776K PHILIPS-TDA8776K Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
More results

유사한 설명 - TDA8776AK

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com