전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8779H 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA8779H
상세설명  10-bit converter interface ADC/DAC for quadrature transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8779H 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA8779H Datasheet HTML 4Page - NXP Semiconductors TDA8779H Datasheet HTML 5Page - NXP Semiconductors TDA8779H Datasheet HTML 6Page - NXP Semiconductors TDA8779H Datasheet HTML 7Page - NXP Semiconductors TDA8779H Datasheet HTML 8Page - NXP Semiconductors TDA8779H Datasheet HTML 9Page - NXP Semiconductors TDA8779H Datasheet HTML 10Page - NXP Semiconductors TDA8779H Datasheet HTML 11Page - NXP Semiconductors TDA8779H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Sep 18
8
Philips Semiconductors
Objective specification
10-bit converter interface (ADC/DAC) for
quadrature transceiver
TDA8779
ANALOG SIGNAL PROCESSING
Linearity
INLA
integral non linearity
ramp input; fCLK =20MHz
−±2
LSB
DNLA
differential non linearity
full-scale; ramp input;
fCLK =20MHz
−±0.5
LSB
50% full-scale; ramp input;
fCLK =20MHz
−±0.3
LSB
Noise floor; note 2
NF
noise floor
fin = 5.1 MHz; 20 Msps
−−60
dB
Harmonics; note 3
THD
total harmonic distortion
fi = 5.1 MHz; 20 Msps
−−54
dB
Spurious free dynamic range
SFDR
spurious free dynamic range
fi = 5.1 MHz; 20 Msps
45
56
dB
Matching between the I and Q channels
∆V
amplitude matching
fin = 5.1 MHz;
fCLK = 20 MHz;
Tamb =25°C
−−
6%
∆ϕ
phase matching
fin = 5.1 MHz;
fCLK = 20 MHz;
Tamb =25°C
−−
2
Deg
Bandwidth
B
bandwidth maximum attenuation of
−0.3 dB
full-scale sine wave;
Tamb =25°C;
5.5
−−
MHz
50% full-scale sine wave;
Tamb =25°C;
tbf
−−
MHz
TIMING:(THE OUTPUT DATA IS AVAILABLE AFTER THE MAXIMUM DELAY TIME td); CL = 15 pF; see Fig.3
tds
sampling delay time
−−
5ns
th
output hold time
5
−−
ns
td
output delay time
VCCO = 4.75 V
12
15
ns
VCCO = 3.15 V
17
20
ns
VCCO = 2.7 V
21
24
ns
3-STATE OUTPUT DELAY TIMES; see Fig.4
tdZH
output delay enable HIGH
14
18
ns
tdZL
output delay enable LOW
16
20
ns
tdHZ
output delay disable HIGH
16
20
ns
tdLZ
output delay disable LOW
14
18
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA8779H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8779H PHILIPS-TDA8779H Datasheet
94Kb / 20P
   10-bit converter interface ADC/DAC for quadrature transceiver
1999 Sep 16
More results

유사한 설명 - TDA8779H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8779H PHILIPS-TDA8779H Datasheet
94Kb / 20P
   10-bit converter interface ADC/DAC for quadrature transceiver
1999 Sep 16
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
   10-BIT DAC
AA88368AP AGAMEM-AA88368AP Datasheet
202Kb / 15P
   10-BIT DAC
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
TDA8776A PHILIPS-TDA8776A Datasheet
150Kb / 20P
   10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
   Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with I2C Interface
LTC1669 LINER-LTC1669_15 Datasheet
169Kb / 16P
   10-Bit Rail-to-Rail Micropower DAC with IC Interface
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com