전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8787AHL 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA8787AHL
상세설명  10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787AHL 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA8787AHL Datasheet HTML 1Page - NXP Semiconductors TDA8787AHL Datasheet HTML 2Page - NXP Semiconductors TDA8787AHL Datasheet HTML 3Page - NXP Semiconductors TDA8787AHL Datasheet HTML 4Page - NXP Semiconductors TDA8787AHL Datasheet HTML 5Page - NXP Semiconductors TDA8787AHL Datasheet HTML 6Page - NXP Semiconductors TDA8787AHL Datasheet HTML 7Page - NXP Semiconductors TDA8787AHL Datasheet HTML 8Page - NXP Semiconductors TDA8787AHL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 Nov 14
2
Philips Semiconductors
Product specification
10-bit, 3.0 V, up to 25 Msps analog-to-digital
interface for CCD cameras
TDA8787A
FEATURES
• Correlated Double Sampling (CDS), Programmable
Gain Amplifier (PGA), 10-bit Analog-to-Digital Converter
(ADC) and reference regulator included
• Fully programmable via a 3-wire serial interface
• Sampling frequency up to 25 MHz;
(TDA8787AHL = 18 MHz; TDA8787AHL/S1 = 25 MHz)
• PGA gain range of 36 dB (in steps of 0.1 dB)
• Low power consumption of only 170 mW at 2.7 V
• Power consumption in standby mode of 4.5 mW
(typical value)
• 3.0 V operation; 2.5 to 3.6 V operation for the digital
outputs
• Active control pulses polarity selectable via serial
interface
• 8-bit DAC included for analog settings
• TTL compatible inputs, CMOS compatible outputs.
APPLICATIONS
• Low-power, low-voltage CCD camera systems.
GENERAL DESCRIPTION
The TDA8787A is a 10-bit analog-to-digital interface for
CCD cameras. The device includes a correlated double
sampling circuit, a PGA, clamp loops and a low-power
10-bit ADC, together with its reference voltage regulator.
The PGA gain and the ADC input clamp level are
controlled via the serial interface.
An additional DAC is provided for additional system
controls. Its output voltage range is 1.0 V peak-to-peak
which is available at pin OFDOUT.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PIXEL
FREQUENCY
TDA8787AHL
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
18 MHz
TDA8787AHL/S1
LQFP48
SOT313-2
25 MHz


유사한 부품 번호 - TDA8787AHL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8787HL PHILIPS-TDA8787HL Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
More results

유사한 설명 - TDA8787AHL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com