전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZY7015HT2 데이터시트(PDF) 9 Page - Power-One

부품명 ZY7015HT2
상세설명  3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER-ONE [Power-One]
홈페이지  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7015HT2 데이터시트(HTML) 9 Page - Power-One

Back Button ZY7015HT2 Datasheet HTML 5Page - Power-One ZY7015HT2 Datasheet HTML 6Page - Power-One ZY7015HT2 Datasheet HTML 7Page - Power-One ZY7015HT2 Datasheet HTML 8Page - Power-One ZY7015HT2 Datasheet HTML 9Page - Power-One ZY7015HT2 Datasheet HTML 10Page - Power-One ZY7015HT2 Datasheet HTML 11Page - Power-One ZY7015HT2 Datasheet HTML 12Page - Power-One ZY7015HT2 Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ZY7015 15A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
60
65
70
75
80
85
90
95
345
678
9
10
11
12
Input Voltage, V
Vout=0.5V
Vout=1.2V
Vout=2.5V
Vout=3.3V
Figure 6. Efficiency vs. Input Voltage. Iout=15A, Fsw=500kHz
88
89
90
91
92
93
94
95
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5 12.0 13.5 15.0
Output Current, A
Fsw=500kHz
Fsw=750kHz
Fsw=1,000kHz
Figure 7. Efficiency vs. Load. Vin=3.3V, Vout=2.5V
74
76
78
80
82
84
86
88
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5 12.0 13.5 15.0
Output Current, A
Fsw=500kHz
Fsw=750kHz
Fsw=1,000kHz
Figure 8. Efficiency vs. Load. Vin=5V, Vout=1.2V
81
83
85
87
89
91
93
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
Output Current, A
Fs=500kHz
Fs=750kHz
Fs=1,000kHz
Figure 9. Efficiency vs. Load. Vin=12V, Vout=5V
ZD-00283 REV. 2.2
www.power-one.com
Page 9 of 34


유사한 부품 번호 - ZY7015HT2

제조업체부품명데이터시트상세설명
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

유사한 설명 - ZY7015HT2

제조업체부품명데이터시트상세설명
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com