전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8822 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TDA8822
상세설명  Universal I2C-bus programmable RF modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8822 데이터시트(HTML) 3 Page - NXP Semiconductors

  TDA8822 Datasheet HTML 1Page - NXP Semiconductors TDA8822 Datasheet HTML 2Page - NXP Semiconductors TDA8822 Datasheet HTML 3Page - NXP Semiconductors TDA8822 Datasheet HTML 4Page - NXP Semiconductors TDA8822 Datasheet HTML 5Page - NXP Semiconductors TDA8822 Datasheet HTML 6Page - NXP Semiconductors TDA8822 Datasheet HTML 7Page - NXP Semiconductors TDA8822 Datasheet HTML 8Page - NXP Semiconductors TDA8822 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1997 Jan 08
3
Philips Semiconductors
Preliminary specification
Universal I2C-bus programmable RF
modulator
TDA8822
QUICK REFERENCE DATA
VCCA =VCCD =5V; Tamb =25 °C; in PAL B/G, PAL I, PAL D/K or NTSC; MD setting = 4; DEV setting = 2;
PS setting = 1; video input signal = 500 mV (p-p) EBU colour bars; audio input signal = 45 mV (p-p); 1 kHz sine wave;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.5
5.0
5.5
V
VCCD
digital supply voltage
4.5
5.0
5.5
V
ICC(tot)
total supply current
60
72
mA
md
modulation depth adjustment
range
typical value for MD setting between
0 and 7
72.5
90.0
%
P/S
picture-to-sound ratio
adjustment range
typical value for PS setting between
0 and 7
−18
−−11
dB
VRF
RF output voltage level
asymmetrical on a 75
Ω load
frequency between 45 and 860 MHz
77
80
83
dB
µV
fsc
sound subcarrier frequency
4.5
6.5
MHz
∆fsc
sound subcarrier frequency
deviation range
for B/G, I, D/K, SC setting = 1, 2 or 3;
typical value for DEV setting between
0 and 7
20
45
kHz
for M, N, SC setting = 0; typical value
for DEV setting between 0 and 7
10
22.5
kHz


유사한 부품 번호 - TDA8822

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8808AT PHILIPS-TDA8808AT Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8808T PHILIPS-TDA8808T Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8809T PHILIPS-TDA8809T Datasheet
94Kb / 16P
   Radial error signal processor for compact disc players
November 1987
TDA8840 PHILIPS-TDA8840 Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA8840H PHILIPS-TDA8840H Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
More results

유사한 설명 - TDA8822

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Broadcom Corporation.
BCM3033 BOARDCOM-BCM3033 Datasheet
137Kb / 2P
   QAMLINK UNIVERSAL MODULATOR
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
logo
Broadcom Corporation.
BCM3034 BOARDCOM-BCM3034 Datasheet
122Kb / 2P
   UNIVERSAL ADVANCED DOWNSTREAM MODULATOR
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415_07 Datasheet
876Kb / 29P
   Wideband Programmable Modulator (WPM)
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
   Wideband Programmable Modulator (WPM)
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
logo
Renesas Technology Corp
HSP50415 RENESAS-HSP50415 Datasheet
1Mb / 29P
   Wideband Programmable Modulator (WPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com