전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8822M 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA8822M
상세설명  Universal I2C-bus programmable RF modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8822M 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA8822M Datasheet HTML 4Page - NXP Semiconductors TDA8822M Datasheet HTML 5Page - NXP Semiconductors TDA8822M Datasheet HTML 6Page - NXP Semiconductors TDA8822M Datasheet HTML 7Page - NXP Semiconductors TDA8822M Datasheet HTML 8Page - NXP Semiconductors TDA8822M Datasheet HTML 9Page - NXP Semiconductors TDA8822M Datasheet HTML 10Page - NXP Semiconductors TDA8822M Datasheet HTML 11Page - NXP Semiconductors TDA8822M Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1997 Jan 08
8
Philips Semiconductors
Preliminary specification
Universal I2C-bus programmable RF
modulator
TDA8822
Table 4
Picture-to-sound ratio setting (typical values)
PS SETTING
BIT
P/S RATIO
(dB)
PS2
PS1
PS0
0
000
−11
1
001
−12
2
010
−13
3
011
−14
4
100
−15
5
101
−16
6
110
−17
7
111
−18
RF part
The RF part provides the following:
• The RF oscillator can produce any frequency used for
TV transmission, from 35 to 890 MHz. The frequency
range depends on the components used in the
application (see Table 11).
• The RF mixer combines the video signal, the sound
subcarrier and the carrier from the NICAM input to build
a baseband TV channel. This baseband signal is then
mixed with the RF oscillator signal to get the RF TV
channel.
• The two signals from the RF mixer are sent to the output
buffer. This output buffer can be used either as two
asymmetrical outputs or as one symmetrical output.
• The output buffer is switched-off while the PLL is not
in-lock, to avoid parasitic output signal during the tuning
of the RF oscillator. The in-lock information is given by
the phase detector of the loop.
• The signal from the RF oscillator is fed to the PLL which
controls the picture carrier frequency. The RF signal is
first divided by 8 in the prescaler, and then divided in the
programmable 14-bits divider. The dividing ratio of this
divider is programmed via the I2C-bus. The minimum
frequency that can be synthesized is 16 MHz, and the
maximum frequency is 1023.9375 MHz.
• The divided frequency called fdiv(video) is compared to the
reference frequency called fref(video) coming from the
crystal oscillator and divided in the reference divider.
The crystal oscillator is intended to be used with a
crystal of 4 MHz.
• The comparison between fref(video) and fdiv(video) is done
in the video phase detector. The resulting signal is fed
via the video charge pump to the loop amplifier,
including the tuning voltage drive (33 V) inside the IC.
• fref(video) and fdiv(video) can also be monitored on the
output port during a special test mode.
• The I2C-bus receiver and control logic includes the
control of:
– Picture carrier frequency
– Sound subcarrier frequency
– Sound subcarrier frequency deviation
– Video modulation depth
– Picture-to-sound ratio
– TPSG on/off and LED drive control
– RF oscillator on/off
– Sound oscillator on/off
– General purpose output port on/off
– Test modes setting.
Software information
The transmission is made using 4 words in I2C-bus format.
First the address CA has to be sent, then at least two
consecutive words have to be sent, either the two words
F1 and F0, or the two words C1 and C0.
The two words C1 and F1 are differentiated inside the IC
by the first bit being logic 1 or logic 0 respectively.
The contents of the 4 bytes is shown in Table 5.
At the power-up of the TDA8822, the I2C-bus state is the
following:
• N13 to N0 are not fixed
• SC setting = 1: the sound carrier is fixed to 5.5 MHz
• MD is set to 4 (82.5%), PS is set to 1 (−12 dB) and DEV
is set to 2 (50.5%)


유사한 부품 번호 - TDA8822M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8808AT PHILIPS-TDA8808AT Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8808T PHILIPS-TDA8808T Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8809T PHILIPS-TDA8809T Datasheet
94Kb / 16P
   Radial error signal processor for compact disc players
November 1987
TDA8840 PHILIPS-TDA8840 Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA8840H PHILIPS-TDA8840H Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
More results

유사한 설명 - TDA8822M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Broadcom Corporation.
BCM3033 BOARDCOM-BCM3033 Datasheet
137Kb / 2P
   QAMLINK UNIVERSAL MODULATOR
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
logo
Broadcom Corporation.
BCM3034 BOARDCOM-BCM3034 Datasheet
122Kb / 2P
   UNIVERSAL ADVANCED DOWNSTREAM MODULATOR
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415_07 Datasheet
876Kb / 29P
   Wideband Programmable Modulator (WPM)
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
   Wideband Programmable Modulator (WPM)
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
logo
Renesas Technology Corp
HSP50415 RENESAS-HSP50415 Datasheet
1Mb / 29P
   Wideband Programmable Modulator (WPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com