전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GJ60T03 데이터시트(PDF) 1 Page - GTM CORPORATION

부품명 GJ60T03
상세설명  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GTM [GTM CORPORATION]
홈페이지  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GJ60T03 데이터시트(HTML) 1 Page - GTM CORPORATION

  GJ60T03 Datasheet HTML 1Page - GTM CORPORATION GJ60T03 Datasheet HTML 2Page - GTM CORPORATION GJ60T03 Datasheet HTML 3Page - GTM CORPORATION GJ60T03 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GJ60T03
Page: 1/4
ISSUED DATE :2005/11/24
REVISED DATE :
G
G JJ6600T
T 0033
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GJ60T03 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The TO-252 package is universally preferred for all commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC converters.
Features
*Low Gate Charge
*Simple Drive Requirement
*Fast Switching Speed
*RoHS Compliant
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.40
3.00
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current, VGS@10V
ID @TC=25 :
45
A
Continuous Drain Current, VGS@10V
ID @TC=100 :
32
A
Pulsed Drain Current1
IDM
120
A
Total Power Dissipation
PD @TC=25 :
44
W
Linear Derating Factor
0.352
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +175
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Max.
Rthj-c
3.4
: /W
Thermal Resistance Junction-ambient
Max.
Rthj-a
110
/
: W
BVDSS
30V
RDS(ON)
12m
ID
45A
Pb Free Plating Product
TO-252


유사한 부품 번호 - GJ60T03

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
GJ60L02 GTM-GJ60L02 Datasheet
243Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ60N03 GTM-GJ60N03 Datasheet
243Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

유사한 설명 - GJ60T03

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com