전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9812T 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA9812T
상세설명  Multistandard VIF-PLL and FM-PLL/AM demodulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9812T 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA9812T Datasheet HTML 7Page - NXP Semiconductors TDA9812T Datasheet HTML 8Page - NXP Semiconductors TDA9812T Datasheet HTML 9Page - NXP Semiconductors TDA9812T Datasheet HTML 10Page - NXP Semiconductors TDA9812T Datasheet HTML 11Page - NXP Semiconductors TDA9812T Datasheet HTML 12Page - NXP Semiconductors TDA9812T Datasheet HTML 13Page - NXP Semiconductors TDA9812T Datasheet HTML 14Page - NXP Semiconductors TDA9812T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1995 Mar 21
11
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL and
FM-PLL/AM demodulator
TDA9812
Composite video amplifier (pin 21; sound carrier OFF)
Vo video(p-p)
output signal voltage
(peak-to-peak value)
see Fig.13
0.88
1.0
1.12
V
V21(sync)
sync voltage level
B/G and L standard
1.5
V
V21(clu)
upper video clipping voltage
level
VP − 1.1 VP − 1
V
V21(cll)
lower video clipping voltage
level
0.3
0.4
V
R21
output resistance
note 2
−−
10
Iint 21
internal DC bias current for
emitter-follower
1.6
2.0
mA
I21(max)(sink)
maximum AC and DC output
sink current
1.0
−−
mA
I21(max)(source) maximum AC and DC output
source current
2.0
−−
mA
B−1
−1 dB video bandwidth
B/G and L standard;
CL < 50 pF; RL > 1kΩ;
AC load
56
MHz
B−3
−3 dB video bandwidth
B/G and L standard;
CL < 50 pF; RL > 1kΩ;
AC load
78
MHz
αH
suppression of video signal
harmonics
CL < 50 pF; RL > 1kΩ;
AC load; note 8a
35
40
dB
PSRR
power supply ripple rejection at
pin 21
video signal; grey level;
see Fig.16
B/G standard
32
35
dB
L standard
26
30
dB
CVBS buffer amplifier (only) and noise clipper (pins 10 and 22)
R22
input resistance
note 2
2.6
3.3
4.0
k
C22
input capacitance
note 2
1.4
2
3.0
pF
V22
DC input voltage
1.5
1.8
2.1
V
Gv
voltage gain
B/G and L standard;
note 9
6.5
7
7.5
dB
V10(clu)
upper video clipping voltage
level
3.9
4.0
V
V10(cll)
lower video clipping voltage
level
1.0
1.1
V
R10
output resistance
note 2
−−
10
Iint 10
DC internal bias current for
emitter-follower
2.0
2.5
mA
I10(max)(sink)
maximum AC and DC output
sink current
1.4
−−
mA
I10(max)(source) maximum AC and DC output
source current
2.4
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA9812T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9814 PHILIPS-TDA9814 Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
More results

유사한 설명 - TDA9812T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
logo
TEMIC Semiconductors
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com