전자부품 데이터시트 검색엔진 |
|
TLV2770 데이터시트(PDF) 6 Page - Texas Instruments |
|
TLV2770 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 65 page TLV277x, TLV277xA FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004 6 WWW.TI.COM electrical characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLV277xC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLV2770/1/2 V = 0, V = 0, 25 °C 0.48 2.5 VIO Input offset voltage TLV2770/1/2 VIC = 0, RS = 50 Ω, VO = 0, VDD = ±1.35 V, Full range 0.53 2.7 mV VIO Input offset voltage TLV2773/4/5 RS = 50 Ω, No load O VDD = ±1.35 V, 25 °C 0.8 2.7 mV TLV2773/4/5 No load Full range 0.86 2.9 VIO Temperature coefficient of input 25 °C to 2 V/ °C αVIO Temperature coefficient of input offset voltage 25 C to 125 °C 2 µV/°C IIO Input offset current VIC = 0, VO = 0, 25 °C 1 60 pA IIO Input offset current VIC = 0, RS = 50 Ω VO = 0, VDD = ±1.35 V Full range 2 100 pA IIB Input bias current RS = 50 Ω VDD = 1.35 V 25 °C 2 60 pA IIB Input bias current Full range 6 100 pA IOH = − 0.675 mA 25 °C 2.6 VOH High-level output voltage IOH = − 0.675 mA Full range 2.5 V VOH High-level output voltage IOH = − 2.2 mA 25 °C 2.4 V IOH = − 2.2 mA Full range 2.1 VIC = 1.35 V, IOL = 0.675 mA 25 °C 0.1 VOL Low-level output voltage VIC = 1.35 V, IOL = 0.675 mA Full range 0.2 V VOL Low-level output voltage VIC = 1.35 V, IOL = 2.2 mA 25 °C 0.21 V VIC = 1.35 V, IOL = 2.2 mA Full range 0.6 AVD Large-signal differential voltage VIC = 1.35 V, RL = 10 kΩ, 25 °C 20 380 V/mV AVD Large-signal differential voltage amplification VIC = 1.35 V, VO = 0.6 V to 2.1 V RL = 10 kΩ, Full range 13 V/mV ri(d) Differential input resistance 25 °C 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz 25 °C 8 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 25 Ω CMRR Common-mode rejection ratio VIC = 0 to 1.5 V, VO = VDD/2, 25 °C 60 84 dB CMRR Common-mode rejection ratio VIC = 0 to 1.5 V, RS = 50 Ω VO = VDD/2, Full range 60 82 dB kSVR Supply voltage rejection ratio VDD = 2.7 V to 5 V, VIC = VDD /2, 25 °C 70 89 dB kSVR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 2.7 V to 5 V, No load VIC = VDD /2, Full range 70 84 dB IDD Supply current (per channel) VO = VDD/2, No load 25 °C 1 2 mA IDD Supply current (per channel) VO = VDD/2, No load Full range 2 mA IDD(SHDN) Supply current in shutdown (per 25 °C 0.8 1.5 µA IDD(SHDN) Supply current in shutdown (per channel) Full range 1.3 2 µA Turnon voltage TLV2770 1.47 V(ON) Turnon voltage level TLV2773 AV = 5 25 °C 1.43 V V(ON) level TLV2775 AV = 5 25 C 1.40 V Turnoff voltage TLV2770 1.27 V(OFF) Turnoff voltage level TLV2773 AV = 5 25 °C 1.21 V V(OFF) level TLV2775 AV = 5 25 C 1.20 V † Full range is 0°C to 70°C. |
유사한 부품 번호 - TLV2770_07 |
|
유사한 설명 - TLV2770_07 |