전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9818T 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA9818T
상세설명  Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9818T 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA9818T Datasheet HTML 6Page - NXP Semiconductors TDA9818T Datasheet HTML 7Page - NXP Semiconductors TDA9818T Datasheet HTML 8Page - NXP Semiconductors TDA9818T Datasheet HTML 9Page - NXP Semiconductors TDA9818T Datasheet HTML 10Page - NXP Semiconductors TDA9818T Datasheet HTML 11Page - NXP Semiconductors TDA9818T Datasheet HTML 12Page - NXP Semiconductors TDA9818T Datasheet HTML 13Page - NXP Semiconductors TDA9818T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
2004 Jun 29
10
Philips Semiconductors
Product specification
Single/multistandard VIF/SIF-PLL and
FM-PLL/AM demodulators
TDA9817; TDA9818
CHARACTERISTICS
VP =5V; Tamb =25 °C; see Table 1 for input frequencies and levels; input level Vi(VIF)(rms) = 10 mV (sync level for B/G,
peak white level for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation DSB; residual carrier
B/G: 10%; L = 3%; video signal in accordance with
“CCIR, line 17” or “NTC-7 Composite”; measurements taken in
Fig.15; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin VP)
VP
supply voltage
note 1
4.5
5
5.5
V
IP
supply current
76
90
104
mA
Vision IF amplifier (pins VIF1 and VIF2)
Vi(VIF)(rms)
input signal voltage
sensitivity (RMS value)
B/G standard;
−1 dB video
at output
60
100
µV
Vi(VIF)(max)(rms)
maximum input signal
voltage (RMS value)
B/G standard; 1 dB video
at output
120
200
mV
∆V(IF)(int)
internal IF amplitude
difference between picture
and sound carrier
within AGC range;
B/G standard;
∆f = 5.5 MHz
0.7
1
dB
GIF(ctrl)
IF gain control range
see Fig.5
65
70
dB
Ri(dif)
differential input resistance note 2
1.7
2.2
2.7
k
Ci(dif)
differential input
capacitance
note 2
1.2
1.7
2.5
pF
VI(VIF)
DC input voltage
note 2
3.4
V
True synchronous video demodulator; note 3
fVCO(max)
maximum oscillator
frequency for carrier
regeneration
f=2fpc
125
130
MHz
∆fosc/∆T
oscillator drift as a function
of temperature
oscillator is free-running;
IAFC = 0; note 4
−−±20 × 10−6 K−1
∆fosc/∆VP
oscillator shift as a
function of supply voltage
oscillator is free-running;
note 4
−−±1.5 × 10−3 V−1
VVCO(rms)
oscillator voltage swing at
pins VCO1 and VCO2
(RMS value)
50
80
110
mV
fcr(pc)
picture carrier capture
range
B/G, M/N and L standard
±1.4
±1.8
MHz
L accent standard;
fpc = 33.9 MHz;
RLADJ = 5.6 kΩ
±0.9
±1.2
MHz
∆fpc(fr)
picture carrier frequency
(free-running) accuracy
L accent standard;
fpc = 33.9 MHz;
RLADJ = 5.6 kΩ
−±200
±400
kHz
falgn(Laccent)
L accent alignment
frequency range
L accent standard; IAFC =0 ±400
±600
kHz
tacq
acquisition time
BL = 70 kHz; note 5
−−
30
ms


유사한 부품 번호 - TDA9818T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

유사한 설명 - TDA9818T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
logo
Mitsubishi Electric Sem...
M52313SP MITSUBISHI-M52313SP Datasheet
413Kb / 7P
   STANDARD PLL VIF/SIF
logo
NXP Semiconductors
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
logo
Mitsubishi Electric Sem...
M52768FP MITSUBISHI-M52768FP Datasheet
242Kb / 14P
   PLL-INTER VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com