전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9850T 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TDA9850T
상세설명  I2C-bus controlled BTSC stereo/SAP decoder
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9850T 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TDA9850T Datasheet HTML 2Page - NXP Semiconductors TDA9850T Datasheet HTML 3Page - NXP Semiconductors TDA9850T Datasheet HTML 4Page - NXP Semiconductors TDA9850T Datasheet HTML 5Page - NXP Semiconductors TDA9850T Datasheet HTML 6Page - NXP Semiconductors TDA9850T Datasheet HTML 7Page - NXP Semiconductors TDA9850T Datasheet HTML 8Page - NXP Semiconductors TDA9850T Datasheet HTML 9Page - NXP Semiconductors TDA9850T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1995 Jun 19
6
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP decoder
TDA9850
PINNING
SYMBOL
PIN
DESCRIPTION
VEO
1
variable emphasis output for dbx
VEI
2
variable emphasis input for dbx
CNR
3
capacitor noise reduction for dbx
CM
4
capacitor mute for SAP
CDEC
5
capacitor DC-decoupling for SAP
AGND
6
analog ground
DGND
7
digital ground
SDA
8
serial data input/output
SCL
9
serial clock input
VCC
10
supply voltage (+9 V)
COMP
11
composite input signal
VCAP
12
capacitor for electronic filtering of supply
CP1
13
capacitor for pilot detector
CP2
14
capacitor for pilot detector
CPH
15
capacitor for phase detector
CADJ
16
capacitor for filter adjustment
CER
17
ceramic resonator
CMO
18
capacitor DC-decoupling mono
CSS
19
capacitor DC-decoupling stereo/SAP
CR
20
adjustment capacitor, right channel
OUTR
21
output, right channel
CSDE
22
capacitor SAP de-emphasis
SAP
23
SAP output
Vref
24
reference voltage 0.5
× (VCC − 1.5 V)
CL
25
adjustment capacitor, left channel
CND
26
noise detector capacitor
OUTL
27
output, left channel
MAD
28
programmable address bit
CTW
29
capacitor timing wideband for dbx
CTS
30
capacitor timing spectral for dbx
CW
31
capacitor wideband for dbx
CS
32
capacitor spectral for dbx
Fig.2 Pin configuration.
fpage
TDA9850
MHA012
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VEO
CS
CW
CTS
CTW
CND
CSDE
CL
CR
CSS
CMO
Vref
VEI
CNR
CM
CDEC
AGND
OUTL
SAP
OUTR
CER
MAD
DGND
SDA
SCL
VCC
COMP
VCAP
CP1
CP2
CPH
CADJ


유사한 부품 번호 - TDA9850T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9851T PHILIPS-TDA9851T Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9852H PHILIPS-TDA9852H Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9853 PHILIPS-TDA9853 Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
More results

유사한 설명 - TDA9850T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com