전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9853 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TDA9853
상세설명  I2C-bus controlled economic BTSC stereo decoder and audio processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9853 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TDA9853 Datasheet HTML 2Page - NXP Semiconductors TDA9853 Datasheet HTML 3Page - NXP Semiconductors TDA9853 Datasheet HTML 4Page - NXP Semiconductors TDA9853 Datasheet HTML 5Page - NXP Semiconductors TDA9853 Datasheet HTML 6Page - NXP Semiconductors TDA9853 Datasheet HTML 7Page - NXP Semiconductors TDA9853 Datasheet HTML 8Page - NXP Semiconductors TDA9853 Datasheet HTML 9Page - NXP Semiconductors TDA9853 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2000 Dec 11
6
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder and audio processor
TDA9853H
PINNING
SYMBOL PIN
DESCRIPTION
n.c.
1
not connected
CP2
2
connector 2 for pilot detector capacitor
CP1
3
connector 1 for pilot detector capacitor
COMP
4
composite input signal
CMO
5
capacitor for DC-decoupling mono
CSS
6
capacitor for DC-decoupling stereo
RFR
7
resistor for filter reference
LIL
8
line input; left channel
LOL
9
line output; left channel
VIL
10
volume control input; left channel
VAL
11
AVL output; left channel
n.c.
12
not connected
TC1L
13
treble capacitor 1; left channel
TC2L
14
treble capacitor 2; left channel
BCL
15
bass capacitor; left channel
OUTL
16
left channel output
n.c.
17
not connected
OUTR
18
right channel output
BCR
19
bass capacitor; right channel
TC2R
20
treble capacitor 2; right channel
TC1R
21
treble capacitor 1; right channel
n.c.
22
not connected
VAR
23
AVL output; right channel
VIR
24
volume control input; right channel
LOR
25
line output; right channel
LIR
26
line input; right channel
Vref
27
reference voltage (0.5VCC)
VCAP
28
capacitor for electronic filtering of
supply
CAV
29
capacitor for AVL
TW
30
capacitor timing
CW
31
capacitor for VCA and band-pass filter
lower corner frequency
BPU
32
band-pass filter upper corner
frequency
FDO
33
fixed de-emphasis output
n.c.
34
not connected
FDI
35
fixed de-emphasis input
AGND
36
analog ground
DGND
37
digital ground
SDA
38
serial data input/output
MAD
39
programmable address bit
(module address)
SCL
40
serial clock input
VCC
41
supply voltage
CPH
42
capacitor for phase detector
CER
43
ceramic resonator
n.c.
44
not connected
SYMBOL PIN
DESCRIPTION


유사한 부품 번호 - TDA9853

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9851T PHILIPS-TDA9851T Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
More results

유사한 설명 - TDA9853

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com