전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSC78L05 데이터시트(PDF) 1 Page - GTM CORPORATION

부품명 GSC78L05
상세설명  POSITIVE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GTM [GTM CORPORATION]
홈페이지  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC78L05 데이터시트(HTML) 1 Page - GTM CORPORATION

  GSC78L05 Datasheet HTML 1Page - GTM CORPORATION GSC78L05 Datasheet HTML 2Page - GTM CORPORATION GSC78L05 Datasheet HTML 3Page - GTM CORPORATION GSC78L05 Datasheet HTML 4Page - GTM CORPORATION GSC78L05 Datasheet HTML 5Page - GTM CORPORATION GSC78L05 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CORPORATION
GSC78LXX
Page: 1/6
ISSUED DATE :2006/01/17
REVISED DATE :2006/06/21C
G
G S
S C
C 7788L
L X
X X
X
POSITIVE VOLTAGE REGULATOR
Description
The GSC78LXX series of positive regulators are available in the SOP-8 package and with 5V, 6V, 8V, 9V, 10V,
12V, 15V, 18V and 24V fixed output voltages, making it useful in a wide range of applications. These regulators
can provide local on-card regulation, eliminating the distribution problems associated with single point
regulation. Each type employs internal current limiting, thermal shut-down and safe operating area protection,
making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 100mA output
current. Although designed primarily as fixed voltage regulators, these devices can be used with external
components to obtain adjustable voltages and currents. GSC78LXX is characterized for operation from 0
to
:
+125 : .
Features
&Internal Short-Circuit Current Limiting
&Internal Thermal Overload Protection
&No External Components Required
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Absolute Maximum Ratings
Parameter
Ratings
Unit
GSC78L05 ~ 10
30
V
GSC78L12 ~ 18
35
V
I
nput voltage
GSC78L24
40
V
Output current
100
mA
Operating junction temperature range
0 ~ 125
:
Storage temperature range
-55 ~ 150
:
Power Dissipation
750*
mW
*When tested in free air condition, without heat sinking.
Pb Free Plating Product


유사한 부품 번호 - GSC78L05

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
GSC78L05 GTM-GSC78L05 Datasheet
129Kb / 2P
   surface mount device regulator
More results

유사한 설명 - GSC78L05

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com