전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1062 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TEA1062
상세설명  Low voltage transmission circuits with dialler interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1062 데이터시트(HTML) 5 Page - NXP Semiconductors

  TEA1062 Datasheet HTML 1Page - NXP Semiconductors TEA1062 Datasheet HTML 2Page - NXP Semiconductors TEA1062 Datasheet HTML 3Page - NXP Semiconductors TEA1062 Datasheet HTML 4Page - NXP Semiconductors TEA1062 Datasheet HTML 5Page - NXP Semiconductors TEA1062 Datasheet HTML 6Page - NXP Semiconductors TEA1062 Datasheet HTML 7Page - NXP Semiconductors TEA1062 Datasheet HTML 8Page - NXP Semiconductors TEA1062 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1997 Sep 03
5
Philips Semiconductors
Product specification
Low voltage transmission circuits with
dialler interface
TEA1062; TEA1062A
FUNCTIONAL DESCRIPTION
Supplies VCC, LN, SLPE, REG and STAB
Power for the IC and its peripheral circuits is usually
obtained from the telephone line. The supply voltage is
derived from the line via a dropping resistor and regulated
by the IC. The supply voltage VCC may also be used to
supply external circuits e.g. dialling and control circuits.
Decoupling of the supply voltage is performed by a
capacitor between VCC and VEE. The internal voltage
regulator is decoupled by a capacitor between REG and
VEE.
The DC current flowing into the set is determined by the
exchange supply voltage Vexch, the feeding bridge
resistance Rexch and the DC resistance of the telephone
line Rline.
The circuit has an internal current stabilizer operating at a
level determined by a 3.6 k
Ω resistor connected between
STAB and VEE (see Fig.9). When the line current (Iline) is
more than 0.5 mA greater than the sum of the IC supply
current (ICC) and the current drawn by the peripheral
circuitry connected to VCC (Ip) the excess current is
shunted to VEE via LN.
The regulated voltage on the line terminal (VLN) can be
calculated as:
VLN =Vref +ISLPE × R9
VLN =Vref + {(Iline − ICC − 0.5 × 10−3 A) − Ip} × R9
Vref is an internally generated temperature compensated
reference voltage of 3.7 V and R9 is an external resistor
connected between SLPE and VEE.
In normal use the value of R9 would be 20
Ω.
Changing the value of R9 will also affect microphone gain,
DTMF gain, gain control characteristics, sidetone level,
maximum output swing on LN and the DC characteristics
(especially at the lower voltages).
Under normal conditions, when ISLPE >> ICC + 0.5 mA + Ip,
the static behaviour of the circuit is that of a 3.7 V regulator
diode with an internal resistance equal to that of R9. In the
audio frequency range the dynamic impedance is largely
determined by R1. Fig.3 shows the equivalent impedance
of the circuit.
At line currents below 9 mA the internal reference voltage
is automatically adjusted to a lower value (typically 1.6 V
at 1 mA). This means that more sets can be operated in
parallel with DC line voltages (excluding the polarity guard)
down to an absolute minimum voltage of 1.6 V. At line
currents below 9 mA the circuit has limited sending and
receiving levels. The internal reference voltage can be
adjusted by means of an external resistor (RVA).
This resistor when connected between LN and REG will
decrease the internal reference voltage and when
connected between REG and SLPE will increase the
internal reference voltage.
Current (Ip) available from VCC for peripheral circuits
depends on the external components used. Fig.10 shows
this current for VCC > 2.2 V. If MUTE is LOW (TEA1062) or
MUTE is HIGH (TEA1062A) when the receiving amplifier
is driven, the available current is further reduced. Current
availability can be increased by connecting the supply IC
(TEA1081) in parallel with R1 as shown in Fig.19 and
Fig.20, or by increasing the DC line voltage by means of
an external resistor (RVA) connected between REG and
SLPE (Fig.18).
Fig.3 Equivalent impedance circuit.
Leq =C3 × R9 × Rp.
Rp = 16.2 kΩ.
handbook, halfpage
REG
V
EE
VCC
LN
MBA454
Leq
R p
R1
V ref
R9
20
C3
4.7
µF
C1
100
µF


유사한 부품 번호 - TEA1062

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TEA1062AN UTC-TEA1062AN Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-D16-T UTC-TEA1062AN-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-S16-R UTC-TEA1062AN-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

유사한 설명 - TEA1062

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com