전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1064BT 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TEA1064BT
상세설명  Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1064BT 데이터시트(HTML) 3 Page - NXP Semiconductors

  TEA1064BT Datasheet HTML 1Page - NXP Semiconductors TEA1064BT Datasheet HTML 2Page - NXP Semiconductors TEA1064BT Datasheet HTML 3Page - NXP Semiconductors TEA1064BT Datasheet HTML 4Page - NXP Semiconductors TEA1064BT Datasheet HTML 5Page - NXP Semiconductors TEA1064BT Datasheet HTML 6Page - NXP Semiconductors TEA1064BT Datasheet HTML 7Page - NXP Semiconductors TEA1064BT Datasheet HTML 8Page - NXP Semiconductors TEA1064BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
March 1994
3
Philips Semiconductors
Product specification
Low voltage versatile telephone transmission circuit
with dialler interface and transmit level dynamic limiting
TEA1064B
QUICK REFERENCE DATA
Note
1. For the TEA1064BT the maximum line current depends on the heat dissipating qualities of the mounted device.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Iline
line current operating range
normal operation
note 1
11
140
mA
with reduced performance
2
11
mA
ICC
internal supply current
VCC = 2.8 V
power-down input LOW
1.3
1.6
mA
power-down input HIGH
60
82
µA
Gv
voltage gain range
microphone amplifier
44
52
dB
receiving amplifier
20
45
dB
line loss compensation ranges
Gv
gain control
5.7
6.1
6.5
dB
Vexch
exchange supply voltage
36
60
V
Rexch
exchange feeding bridge resistance
400
1000
VLN(p-p)
maximum output voltage swing on LN
(peak-to-peak value)
R16 = 392
Ω;
Iline = 15 mA
Ip = 1.4 mA
3.55
3.80
4.05
V
Ip = 2.7 mA
3.25
3.50
3.75
V
Vp
supply for peripherals
Iline = 15 mA
Ip = 1.4 mA
2.5
2.7
V
Ip = 2.7 mA;
RREG-SLPE = 20 kΩ
2.9
3.1
V
VLN
DC line voltage
Iline = 15 mA
without RREG-SLPE
3.25
3.5
3.75
V
RREG-SLPE = 20 kΩ
4.05
4.4
4.75
V
Tamb
operating ambient temperature range
−25
−+75
°C


유사한 부품 번호 - TEA1064BT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1064A PHILIPS-TEA1064A Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1064AT PHILIPS-TEA1064AT Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
More results

유사한 설명 - TEA1064BT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1064A PHILIPS-TEA1064A Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com