전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSC4558 데이터시트(PDF) 2 Page - GTM CORPORATION

부품명 GSC4558
상세설명  DUAL OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GTM [GTM CORPORATION]
홈페이지  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC4558 데이터시트(HTML) 2 Page - GTM CORPORATION

  GSC4558 Datasheet HTML 1Page - GTM CORPORATION GSC4558 Datasheet HTML 2Page - GTM CORPORATION GSC4558 Datasheet HTML 3Page - GTM CORPORATION GSC4558 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
ISSUED DATE :2005/06/24
REVISED DATE :2005/10/05B
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
±22
V
Differential Input Voltage
VI(DIFF)
±18
V
Input Voltage
VI
±15
V
Power Dissipation
PD
400
mW
Operating Temperature Range
TOPR
0 ~ +70
:
Storage Temperature Range
TSTG
-65 ~ +150
:
Electrical Characteristics (VCC=15V Vee=-15V, TA=25 : )
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current, all Amp,
no load
ICC
-
2.3
4.5
mA
I
nput Offset Voltage
VIO
RS<10k
-
2
6
mV
I
nput Offset Current
IIO
-
5
200
nA
I
nput Bias Current
IBIAS
-
30
500
nA
Common Mode Input Voltage
VI(R)
±12
±13
V
Large Signal Voltage Gain
GV
VO(P-P)=±10V, RL 2k
20
200
-
V/mV
Output Voltage Swing
VO(P-P) RL 10k
-
±12
±14
V
Common Mode Rejection Ratio
CMRR RS 10k
70
90
-
dB
Supply Voltage Rejection Ratio
PSRR
RS 10k
76
90
-
dB
Power Consumption
PC
-
70
170
mV
Slew Rate
SR
Vi=±10V, RL 2k ,
CL 100pF
1.2
2.2
-
V/ s
Rise Time
TRIS
Vi=±20mV, RL 2k ,
CL 100pF
-
0.3
-
s
Overshoot
OS
Vi=±20mV, RL 2k ,
CL 100pF
-
15
-
%
I
nput Resistance
Ri
0.3
2
-
M
Output Resistance
RO
-
75
-
Total Harmonic Distortion
THD
f=1kHz, AV=20dB, RL=2k ,
VO= 2VPP, CL=100pF
-
0.008
-
%
Channel Separation
VO1/VO2
-
120
-
dB
Frequency Characteristics (VCC=15V Vee=-15V, TA=25 : )
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Unity Gain Bandwidth
BW
2.0
2.8
-
MHz


유사한 부품 번호 - GSC4558

제조업체부품명데이터시트상세설명
logo
E-Tech Electronics LTD
GSC4558 ETL-GSC4558 Datasheet
221Kb / 4P
   D U A L O P E R AT I O N A L A M P L I F I E R
More results

유사한 설명 - GSC4558

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com