전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1094T 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TEA1094T
상세설명  Hands free IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1094T 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TEA1094T Datasheet HTML 6Page - NXP Semiconductors TEA1094T Datasheet HTML 7Page - NXP Semiconductors TEA1094T Datasheet HTML 8Page - NXP Semiconductors TEA1094T Datasheet HTML 9Page - NXP Semiconductors TEA1094T Datasheet HTML 10Page - NXP Semiconductors TEA1094T Datasheet HTML 11Page - NXP Semiconductors TEA1094T Datasheet HTML 12Page - NXP Semiconductors TEA1094T Datasheet HTML 13Page - NXP Semiconductors TEA1094T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Jul 15
10
Philips Semiconductors
Product specification
Hands free IC
TEA1094; TEA1094A
To determine the noise level, the signals on TENV and
RENV are buffered to TNOI and RNOI. These buffers have
a maximum source current of 1
µA and a maximum sink
current of 120
µA. Together with the capacitors CTNOI and
CRNOI, the timing can be set. In the basic application of
Fig.13 the value of both capacitors is 4.7
µF. At room
temperature, the 1
µA sourced current corresponds to a
maximum rise-slope of the noise envelope of
approximately 0.07 dB/ms.
This is small enough to track background noise and not to
be influenced by speech bursts. The 120
µA current that is
sunk corresponds to a maximum fall-slope of
approximately 8.5 dB/ms. However, during the decrease
of the signal envelope, the noise envelope tracks the
signal envelope so it will never fall faster than
approximately 0.7 dB/ms. The behaviour of the signal
envelope and noise envelope monitors is illustrated in
Fig.8.
Fig.7 Signal and noise envelope detectors.
handbook, full pagewidth
MGD223
LOG
28
(24)
27
(23)
26
(22)
25
(21)
24
(20)
23
(19)
LOG
from
microphone
amplifier
from
loudspeaker
amplifier
DUPLEX CONTROLLER
TSEN
RTSEN
CTSEN
CTENV
CTNOI
RRSEN
CRSEN
CRENV
CRNOI
TENV
TNOI
RSEN
RENV
RNOI
to logic
to logic
The pin numbers given in parenthesis refer to the TEA1094A.
handbook, full pagewidth
MBG354
INPUT SIGNAL
SIGNAL ENVELOPE
NOISE ENVELOPE
4 mV (RMS)
1 mV (RMS)
A
C
C
36 mV
36 mV
B
B
B
A
B
time
A: 85 dB/ms
B: 0.7 dB/ms
B: 0.7 dB/ms
C: 0.07 dB/ms
Fig.8 Signal and noise envelope waveforms.


유사한 부품 번호 - TEA1094T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1095 PHILIPS-TEA1095 Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
TEA1095T PHILIPS-TEA1095T Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
TEA1095TS PHILIPS-TEA1095TS Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
More results

유사한 설명 - TEA1094T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
logo
Panasonic Semiconductor
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
   Hands-free Speech Network IC
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
   Hands-free Speech Network IC
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
SHENZHEN FUMAN ELECTRON...
TC34018 FUMAN-TC34018 Datasheet
1Mb / 6P
   Hands-free calling integrated circuit
logo
Zarlink Semiconductor I...
ZL38001 ZARLINK-ZL38001_06 Datasheet
543Kb / 49P
   AEC for Analog Hands-Free Communication
logo
Panasonic Semiconductor
BF-AF10B-KA PANASONIC-BF-AF10B-KA Datasheet
0Kb / 2P
   A hands-free, weatherproof solution
logo
Asahi Kasei Microsystem...
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
Zarlink Semiconductor I...
ZL38002 ZARLINK-ZL38002_07 Datasheet
578Kb / 51P
   Digital Echo Canceller for Hands Free Communication
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com