전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1097H 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TEA1097H
상세설명  Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1097H 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TEA1097H Datasheet HTML 5Page - NXP Semiconductors TEA1097H Datasheet HTML 6Page - NXP Semiconductors TEA1097H Datasheet HTML 7Page - NXP Semiconductors TEA1097H Datasheet HTML 8Page - NXP Semiconductors TEA1097H Datasheet HTML 9Page - NXP Semiconductors TEA1097H Datasheet HTML 10Page - NXP Semiconductors TEA1097H Datasheet HTML 11Page - NXP Semiconductors TEA1097H Datasheet HTML 12Page - NXP Semiconductors TEA1097H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1999 Apr 08
9
Philips Semiconductors
Product specification
Speech and loudspeaker amplifier IC with
auxiliary inputs/outputs and analog multiplexer
TEA1097
Fig.5 Main DC voltages as a function of line current.
handbook, full pagewidth
0.07
0.06
8
6
2
0
0
0.01
voltages
(V)
0.02
0.05
MICS
VDD
VBB
SLPE
LN
Iline (A)
0.04
0.03
4
FCA049
EXTERNAL SUPPLY (PINS ESI AND VBB)
The TEA1097 can be supplied by the line as well as by
external power sources (voltage or current sources) that
must be connected to pin ESI.
The IC will choose which supply to use according to the
voltage it can provide. A voltage supply on ESI is efficient
only if its value is greater than the working voltage of the
internal VBB voltage stabilizer. Otherwise the IC continues
to be line powered. The current consumed on this source
is at least equal to the internal consumption. It depends on
the voltage difference between the value forced on ESI
and the working voltage of the internal stabilizer.
The current required increases with the voltage difference
to manage. The excess current compared to the internal
consumption becomes then available for other purposes
such as supplying a loudspeaker amplifier. The voltage
source should not exceed 6 V. If the value of the external
voltage source can be lower than the working voltage of
the internal stabilizer, an external diode is required to avoid
reverse current flowing into the external power supply.
In case of current source, the voltage on VBB and ESI
depends on the current available. It is internally limited to
6.6 V. The current source should not exceed 140 mA.
VDD SUPPLY FOR MICROCONTROLLERS (PIN VDD)
The voltage on VDD supply point follows the voltage on VBB
with a difference equal to 250 mV (typ.) and is internally
limited to 3.35 V. This voltage is temperature
compensated. This supply point can provide a current up
to 3 mA (typ.). Its internal consumption stays low (a few
10 nA) as long as VDD does not exceed 1.5 V (see Fig.6).
An external voltage can be connected on VDD with limited
extra consumption on VDD (typically 100 µA). This voltage
source should not be lower than 3.5 V and higher than 6 V.
VBB and VDD can supply external circuits in the limits of
currents provided either from the line or from pin ESI,
taking into account the internal current consumption.


유사한 부품 번호 - TEA1097H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

유사한 설명 - TEA1097H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Schneider Electric
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com