전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1202 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TEA1202
상세설명  Battery power unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1202 데이터시트(HTML) 3 Page - NXP Semiconductors

  TEA1202 Datasheet HTML 1Page - NXP Semiconductors TEA1202 Datasheet HTML 2Page - NXP Semiconductors TEA1202 Datasheet HTML 3Page - NXP Semiconductors TEA1202 Datasheet HTML 4Page - NXP Semiconductors TEA1202 Datasheet HTML 5Page - NXP Semiconductors TEA1202 Datasheet HTML 6Page - NXP Semiconductors TEA1202 Datasheet HTML 7Page - NXP Semiconductors TEA1202 Datasheet HTML 8Page - NXP Semiconductors TEA1202 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Jun 08
3
Philips Semiconductors
Objective specification
Battery power unit
TEA1202TS
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC/DC converter
UPCONVERSION
VI(up)
input voltage
VI(start)
5.50
V
VO(up)
output voltage
VO(uvlo)
5.50
V
VI(start)
start-up input voltage
IL < 10 mA
0.93
0.96
1.00
V
DOWNCONVERSION
VI(dwn)
input voltage
VO(uvlo)
5.50
V
VO(dwn)
output voltage
1.30
5.50
V
CURRENT LEVELS
Iq
quiescent current
110
−µA
Ishdwn
current in shut-down mode
0
2
10
µA
ILX(max)
maximum continuous current at
pins LX1 and LX2
Tamb =80 °C
−−
1.0
A
∆I
lim
current limit deviation
Ilim set to 1.0 A
upconversion
−12
+12
%
downconversion
−12
+12
%
POWER MOSFETS
RDSon(N)
drain-to-source on-state
resistance NFET
Tj =27 °C
110
m
RDSon(P)
drain-to-source on-state
resistance PFET
Tj =27 °C
125
m
EFFICIENCY
η
efficiency upconversion
VI = 1.2 V; VO up to 3.3 V
IL =1mA
66
%
IL =10mA
81
%
IL = 100 mA
85
%
TIMING
fsw
switching frequency
PWM mode
480
600
720
kHz
fi(sync)
synchronization clock input
frequency
6
1320MHz
tstart
start-up time
10
ms
Low dropout voltage regulators
VLDO
output voltage range
VLDO <V4 + 0.4 V
1.30
5.50
V
Vdropout
dropout voltage
ILDO =50mA
−−
75
mV
ILDO(max)
maximum output current
in regulation
50
mA
RDSon
drain-to-source on-state
resistance
VFB1,2 >2V; Tj =27 °C
200
m
General characteristics
Vref
reference voltage
1.165
1.190
1.215
V


유사한 부품 번호 - TEA1202

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1200TS PHILIPS-TEA1200TS Datasheet
104Kb / 24P
   0.95 V starting DC-to-DC converter with low battery indicator
2002 May 14
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1204 PHILIPS-TEA1204 Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1205 PHILIPS-TEA1205 Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
More results

유사한 설명 - TEA1202

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ40Z60 TI1-BQ40Z60_16 Datasheet
1Mb / 47P
[Old version datasheet]   Programmable Battery Management Unit
logo
TiMOTION Technology Co....
TC8 TIMOTION-TC8 Datasheet
322Kb / 4P
   Includes 3 modules: control unit, power supply, and battery
20170209-F
logo
Panasonic Semiconductor
BR2477AVA PANASONIC-BR2477AVA Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
BR2477AGA PANASONIC-BR2477AGA Datasheet
20Kb / 1P
   Lithium and Micro Battery Business Unit
BR2330AHD PANASONIC-BR2330AHD Datasheet
20Kb / 1P
   Lithium and Micro Battery Business Unit
logo
Texas Instruments
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
[Old version datasheet]   Battery Charge Management and Regulator Unit
logo
Panasonic Semiconductor
BR1225AHB PANASONIC-BR1225AHB Datasheet
23Kb / 1P
   Lithium and Micro Battery Business Unit
BR2477AHB PANASONIC-BR2477AHB Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
   Battery Charge Management and Regulator Unit
logo
Panasonic Semiconductor
BR2330AVA PANASONIC-BR2330AVA Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com