전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1205 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TEA1205
상세설명  High efficiency DC/DC converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1205 데이터시트(HTML) 2 Page - NXP Semiconductors

  TEA1205 Datasheet HTML 1Page - NXP Semiconductors TEA1205 Datasheet HTML 2Page - NXP Semiconductors TEA1205 Datasheet HTML 3Page - NXP Semiconductors TEA1205 Datasheet HTML 4Page - NXP Semiconductors TEA1205 Datasheet HTML 5Page - NXP Semiconductors TEA1205 Datasheet HTML 6Page - NXP Semiconductors TEA1205 Datasheet HTML 7Page - NXP Semiconductors TEA1205 Datasheet HTML 8Page - NXP Semiconductors TEA1205 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Mar 24
2
Philips Semiconductors
Preliminary specification
High efficiency DC/DC converter
TEA1205AT
FEATURES
• Fully integrated DC/DC converter circuit
• Up conversion in 2 different modes
• High efficiency over wide load range
• Synchronizes to external high frequency clock
• Output power up to 3.6 W (typ.) continuous, 8 W in GSM
burst mode
• Low quiescent power consumption
• True current limit for Li-ion battery compatibility
• Shut-down function
• 8-pin SO package.
APPLICATIONS
• Cellular and cordless phones PDAs and others
• Supply voltage source for low-voltage chip sets
• Portable computers
• Battery backup supplies
• Cameras.
GENERAL DESCRIPTION
The TEA1205AT (see Fig.1) is a fully integrated DC/DC
converter circuit using the minimum amount of external
components. It is intended to be used to supply electronic
circuits with supply voltages of 3.3 or 5.5 V from
2, 3 or 4 NiCd cell batteries or one Li-ion battery at an
output power level up to 3.6 W (typ.) continuously, or 8 W
in GSM TDMA (1 : 8) burst mode. The switching frequency
of the converter can be synchronized to an external
high-frequency clock. Efficient, compact and dynamic
power conversion is achieved using a novel, digitally
controlled Pulse Width and Frequency Modulation
(PWFM) like control concept, integrated low RdsON CMOS
power switches with low parasitic capacitances and
synchronous rectification.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA1205AT
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1


유사한 부품 번호 - TEA1205

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1200TS PHILIPS-TEA1200TS Datasheet
104Kb / 24P
   0.95 V starting DC-to-DC converter with low battery indicator
2002 May 14
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1202 PHILIPS-TEA1202 Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1204 PHILIPS-TEA1204 Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
More results

유사한 설명 - TEA1205

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
logo
Toshiba Semiconductor
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com