전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9301-01 데이터시트(PDF) 4 Page - Peregrine Semiconductor Corp.

부품명 9301-01
상세설명  3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PEREGRINE [Peregrine Semiconductor Corp.]
홈페이지  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9301-01 데이터시트(HTML) 4 Page - Peregrine Semiconductor Corp.

  9301-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9301-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9301-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9301-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9301-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9301-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9301-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product Specification
PE9301
Page 4 of 7
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0039-02
│ UltraCMOS™ RFIC Solutions
Evaluation Kit Operation
Figure 6. Evaluation Board Layout
Figure 7. Evaluation Board Schematic
Peregrine specification 102/0062
Peregrine specification 101/0034
The Ceramic SOIC Prescaler Evaluation Board was
designed to help customers evaluate the PE9301
divide-by-2 prescaler. On this board, the device
input (pin 2) is connected to the SMA connector J1
through a 50
Ω transmission line. A series capacitor
(C3) provides the necessary DC block for the device
input. A value of 1000 pF was used for the
evaluation board; other applications may require a
different value. It is also possible to place a 0
resistor in this location for very low frequency
applications.
The device output (pin 7) is connected to SMA
connector J3 through a 50
Ω transmission line. A
series capacitor (C1) provides the necessary DC
block for the device output. This capacitor value
must be chosen to have a low impedance at the
desired output frequency of the device. A value of
1000 pF was chosen for the evaluation board.
The board is constructed of a two-layer FR4 material
with a total thickness of 0.031”. The bottom layer
provides ground for the RF transmission lines. The
transmission lines were designed using a coplanar
waveguide above ground plane model with trace
width of 0.030”, trace gaps of 0.0061”, dielectric
thickness of 0.028”, metal thickness of 0.0014”, and
ε
r of 4.6. Note that the predominate mode of these
transmission lines is coplanar waveguide.
J2 provides DC power to the device via pin 1. Two
decoupling capacitors (C2=100 pF, C10=1000 pF)
are included on this trace. It is the
responsibility of the customer to
determine proper supply
decoupling for their design
application.


유사한 부품 번호 - 9301-01

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor...
9301-01 PEREGRINE-9301-01 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
More results

유사한 설명 - 9301-01

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com