전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE83503 데이터시트(PDF) 5 Page - Peregrine Semiconductor Corp.

부품명 PE83503
상세설명  3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PEREGRINE [Peregrine Semiconductor Corp.]
홈페이지  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83503 데이터시트(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE83503_06 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE83503_06 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE83503_06 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE83503_06 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE83503_06 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE83503_06 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE83503_06 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE83503_06 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE83503
Page 5 of 8
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0126-02
│ www.psemi.com
Evaluation Kit
Figure 9. Evaluation Board Layouts
Figure 10. Evaluation Board Schematic
Peregrine Specification 102/0200
Peregrine Specification 101/0035
Applications Support
If you have a problem with your evaluation kit or if you
have applications questions call (858) 731-9400 and
ask for applications support. You may also contact us
by fax or e-mail:
Fax: (858) 731-9499
E-Mail: help@psemi.com
Evaluation Kit Operation
The MSOP Prescaler Evaluation Board was designed
to help customers evaluate the PE83503 Divide-by-8
Prescaler. On this board, the device input (pin 2) is
connected to connector J1 through a 50
Ω transmission
line. A series capacitor (C3) provides the necessary
DC block for the device input. It is important to note
that the value of this capacitance will impact the
performance of the device. A value of 15pF was found
to be optimal for this board layout; other applications
may require a different value.
The device output (pin 7) is connected to connector J3
through a 50
Ω transmission line. A series capacitor
(C1) provides the necessary DC block for the device
output. Note that this capacitor must be chosen to
have a low impedance at the desired output frequency
the device. The value of 100pF was chosen to provide
a wide operating range for the evaluation board.
The board is constructed of a two-layer FR4 material
with a total thickness of 0.031”. The bottom layer
provides ground for the RF transmission lines. The
transmission lines were designed using a coplanar
waveguide above ground plane model with trace width
of 0.030”, trace gaps of 0.007”, dielectric thickness of
0.028”, metal thickness of 0.0014” and
ε
r of 4.4.
Note
that the predominate mode for these transmission lines
is coplanar waveguide.
J2 provides DC power to the device. Starting from the
lower left pin, the second pin to the right (J2-3) is
connected to the device VDD pin (1). Two decoupling
capacitors (10 pF, 1000 pF) are included on this trace.
It is the responsibility of the customer to determine
proper supply decoupling for their design application.
The DEC pin (3) must be connected to a low
impedance AC ground for proper device operation. On
the board, two decoupling capacitors (C6 = 10 nF, C4 =
10 pF), located on the back of the board, perform this
function.


유사한 부품 번호 - PE83503_06

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor...
PE83503-EK PEREGRINE-PE83503-EK Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
More results

유사한 설명 - PE83503_06

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502_06 Datasheet
245Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83511 PEREGRINE-PE83511_06 Datasheet
262Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
Peregrine Semiconductor...
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
   1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com