전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6324 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TEA6324
상세설명  Sound control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6324 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TEA6324 Datasheet HTML 4Page - NXP Semiconductors TEA6324 Datasheet HTML 5Page - NXP Semiconductors TEA6324 Datasheet HTML 6Page - NXP Semiconductors TEA6324 Datasheet HTML 7Page - NXP Semiconductors TEA6324 Datasheet HTML 8Page - NXP Semiconductors TEA6324 Datasheet HTML 9Page - NXP Semiconductors TEA6324 Datasheet HTML 10Page - NXP Semiconductors TEA6324 Datasheet HTML 11Page - NXP Semiconductors TEA6324 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1997 Mar 13
8
Philips Semiconductors
Preliminary specification
Sound control circuit
TEA6324T
Pno(rms)
noise output power (RMS value) only
contribution of TEA6324T; power
amplifier for 6 W
mute position; note 1
−−
10
nW
αct
crosstalk between bus inputs and
signal outputs
note 2
110
dB
Source selector
Zi
input impedance
25
35
45
k
αS
input isolation of one selected source
to any other input
f = 1 kHz
105
dB
f = 12.5 kHz
95
dB
Vi(rms)
maximum input voltage (RMS value)
THD
< 0.5%; VCC = 8.5 V
2.15
V
THD
< 0.5%; VCC = 7.5 V
1.8
V
Voffset
DC offset voltage at source selector
output by selection of any inputs
−−
10
mV
Zo
output impedance
80
120
RL
output load resistance
10
−−
k
CL
output load capacity
0
2500
pF
Gv
voltage gain, source selector
0
dB
Control part (source selector disconnected; source resistance 600
Ω)
Zi
input impedance volume input
100
150
200
k
Zo
output impedance
80
120
RL
output load resistance
2
−−
k
CL
output load capacity
0
10
nF
RDCL
DC load resistance at output to ground
4.7
−−
k
Vi(rms)
maximum input voltage (RMS value)
THD
< 0.5%
2.15
V
Vn(o)
noise output voltage
CCIR468-2 weighted; quasi
peak
Gv =20dB
110
220
µV
Gv =0dB
33
50
µV
Gv = −66 dB
13
22
µV
mute position
10
−µV
CRtot
total continuous control range
106
dB
recommended control range
86
dB
Gstep
step resolution
1
dB
step error between any adjoining step
−−
0.5
dB
∆Ga
attenuator set error
Gv = +20 to −50 dB
−−
2dB
Gv = −51 to −66 dB
−−
3dB
∆Gt
gain tracking error
Gv = +20 to −50 dB
−−
2dB
α
mute
mute attenuation
see Fig.9
100
110
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
20
V
bus p
p
()
V
o rms
()
---------------------------
log





유사한 부품 번호 - TEA6324

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

유사한 설명 - TEA6324

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
KEC(Korea Electronics)
KIA6930P KEC-KIA6930P Datasheet
177Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (STEREO SOUND CONTROL SYSTEM)
logo
Rohm
BH3852S ROHM-BH3852S Datasheet
198Kb / 11P
   Sound control IC
logo
NTE Electronics
NTE1789 NTE-NTE1789 Datasheet
24Kb / 2P
   Integrated Circuit TV Sound Preamp, AF Output, Volume Control
logo
MOSDESIGN SEMICONDUCTOR...
M3764 MOSDESIGN-M3764 Datasheet
136Kb / 1P
   VDD CONTROL ALARM SOUND
2011-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com