전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

31-01UTC 데이터시트(PDF) 5 Page - Everlight Electronics Co., Ltd

부품명 31-01UTC
상세설명  POWER LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

31-01UTC 데이터시트(HTML) 5 Page - Everlight Electronics Co., Ltd

  31-01UTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 31-01UTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 31-01UTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 31-01UTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 31-01UTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 31-01UTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 31-01UTC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 31-01UTC Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.0
Page: 5 of 6
Device Number :DLE-301-W01
Establish date: 07-15-2004
Establish by: Iverson Kuo
31-01UTC/S463
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Chromaticity Coordinate vs. Forward Current
Radiation Characteristics
350
450
550
650
750
400
500
600
700
WAVELENGTH (nm)
0.2
0.6
1.0
0.0
0.4
0.8
1.2
0
10
203040
50
FORWARD CURRENT (mA)
0.284
0.292
0.300
0.308
0.280
0.288
0.296
0.304
0.312
X
Y
3.00
3.40
3.80
2.80
3.20
3.60
4.00
FORWARD VOLTAGE (V)
0
10
20
30
0
20406080
100
AMBIENT TEMPERATURE (C)
5
15
25
35
0
10
20
30
40
0
5
10
15
20
25
30
FORWARD CURRENT (mA)
0.00
0.20
0.40
0.60
0.80
1.00
01
80
60
40
20
0
RELATIVE INTENSITY
0.0
0.2
0.4
0.6
0.8
1.0
-80
-60
-40
-20
0


유사한 부품 번호 - 31-01UTC

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
31-01UTC/S463 EVERLIGHT-31-01UTC/S463 Datasheet
134Kb / 8P
   POWER LED
More results

유사한 설명 - 31-01UTC

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com