전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT573DWRG4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT573DWRG4
상세설명  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT573DWRG4 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AHCT573DWRG4 Datasheet HTML 1Page - Texas Instruments SN74AHCT573DWRG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT573DWRG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT573DWRG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT573DWRG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT573DWRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT573DWRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT573DWRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT573DWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54AHCT573, SN74AHCT573
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS243N – OCTOBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT573
SN74AHCT573
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
CL =15 pF
4.2*
6*
1*
6.5*
1
6.5
ns
tPHL
D
Q
CL = 15 pF
5.1*
7*
1*
9*
1
9
ns
tPLH
LE
Q
CL =15 pF
4.7*
6.5*
1*
7.5*
1
7.5
ns
tPHL
LE
Q
CL = 15 pF
5.6*
7.5*
1*
9*
1
9
ns
tPZH
OE
Q
CL =15 pF
4.1*
6.5*
1*
7*
1
7
ns
tPZL
OE
Q
CL = 15 pF
5.5*
7.5*
1*
10*
1
10
ns
tPHZ
OE
Q
CL =15 pF
5.5*
8*
1*
11*
1
11
ns
tPLZ
OE
Q
CL = 15 pF
5.4*
8*
1*
9.5*
1
9.5
ns
tPLH
D
Q
CL =50 pF
5.2
7
1
7.5
1
7.5
ns
tPHL
D
Q
CL = 50 pF
6.1
8
1
10
1
10
ns
tPLH
LE
Q
CL =50 pF
5.7
7.5
1
8.5
1
8.5
ns
tPHL
LE
Q
CL = 50 pF
6.6
8.5
1
10
1
10
ns
tPZH
OE
Q
CL =50 pF
5.1
7.5
1
8
1
8
ns
tPZL
OE
Q
CL = 50 pF
6.5
8.5
1
11
1
11
ns
tPHZ
OE
Q
CL =50 pF
6.7
9
1
12
1
12
ns
tPLZ
OE
Q
CL = 50 pF
6.4
9
1
10.5
1
10.5
ns
tsk(o)
CL = 50 pF
1.5**
1.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
16
pF


유사한 부품 번호 - SN74AHCT573DWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT573DWR TI-SN74AHCT573DWR Datasheet
546Kb / 17P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT573DWR TI-SN74AHCT573DWR Datasheet
730Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT573DWRE4 TI-SN74AHCT573DWRE4 Datasheet
546Kb / 17P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHCT573DWRG4

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com