전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6824T 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TEA6824T
상세설명  In Car Entertainment ICE car radio
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6824T 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TEA6824T Datasheet HTML 3Page - NXP Semiconductors TEA6824T Datasheet HTML 4Page - NXP Semiconductors TEA6824T Datasheet HTML 5Page - NXP Semiconductors TEA6824T Datasheet HTML 6Page - NXP Semiconductors TEA6824T Datasheet HTML 7Page - NXP Semiconductors TEA6824T Datasheet HTML 8Page - NXP Semiconductors TEA6824T Datasheet HTML 9Page - NXP Semiconductors TEA6824T Datasheet HTML 10Page - NXP Semiconductors TEA6824T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1997 May 05
7
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6824T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Charge device model class B: equivalent to discharging a 200 pF capacitor via a 0
Ω series resistor.
CHARACTERISTICS
VDDA3 =VDDA2 = 8.5 V (ref. AGND); VDDA1 = 5 V (ref. AGND); VDDD = 5 V (ref. DGND); Tamb =25 °C; fmod = 1 kHz;
∆f = 22.5 kHz; Rg =50 Ω; V37-35 = 10 mV; with de-emphasis = 50 µs; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDA1
analog supply voltage 1 (pin 5)
−0.3
+6.5
V
VDDA2
analog supply voltage 2 (pin 28)
−0.3
+12
V
VDDA3
analog supply voltage 3 (pin 56)
−0.3
+12
V
VDDD
digital supply voltage (pin 52)
−0.3
+6.5
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Ves
electrostatic handling
note 1
pins 8 and 9
−100
+100
V
all other pins
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Current consumption
IDDA1
analog supply current 1 (pin 5)
FM mode
17
21
25
mA
AM mode
14
17
21
mA
IDDA2
analog supply current 2 (pin 28)
FM mode
2.4
3.0
3.6
mA
IDDA3
analog supply current 3 (pin 56)
FM mode
19
25
31
mA
AM mode
9.5
12
15
mA
IDDD
digital supply current (pin 52)
8
10
12
mA
I19 +I20
total FM mixer output current
pins 19 and 20
4.8
6.0
7.2
mA
I22 +I23
total AM mixer output current
pins 22 and 23
AM mode
10
12
14
mA
FM-IF path; see Fig.3
V19-20max(p-p)
maximum output voltage
pins 19 to 20 (peak-to-peak value)
12
14
V
Ibias(19-20)
mixer bias current pins 19 to 20
2.4
3.0
3.6
mA
ILI(19-20)
mixer leakage current
pins 19 to 20
in AM position
−−
2
µA
I19IF2/V13-14IF1
conversion gain
1.65
1.9
2.2
mS
Ri(13-14)
input resistance between
pins 13 and 14
57
k
Ci(13-14)
input capacitance between
pins 13 and 14
3
4.5
pF
Ropt
optimum generator resistance
1.2
k


유사한 부품 번호 - TEA6824T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823 PHILIPS-TEA6823 Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results

유사한 설명 - TEA6824T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com