전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6824 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TEA6824
상세설명  In Car Entertainment ICE car radio
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6824 데이터시트(HTML) 5 Page - NXP Semiconductors

  TEA6824 Datasheet HTML 1Page - NXP Semiconductors TEA6824 Datasheet HTML 2Page - NXP Semiconductors TEA6824 Datasheet HTML 3Page - NXP Semiconductors TEA6824 Datasheet HTML 4Page - NXP Semiconductors TEA6824 Datasheet HTML 5Page - NXP Semiconductors TEA6824 Datasheet HTML 6Page - NXP Semiconductors TEA6824 Datasheet HTML 7Page - NXP Semiconductors TEA6824 Datasheet HTML 8Page - NXP Semiconductors TEA6824 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1997 May 05
5
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6824T
PINNING
SYMBOL
PIN
DESCRIPTION
QDET1
1
demodulator tank 1
QDET2
2
demodulator tank 2
REFIN1
3
reference input 1
AGND
4
analog ground
VDDA1
5
analog supply voltage 1
(+5 V)
HFBUS1
6
HF bus 1 output; pull-up to
+5 V
HFBUS2
7
HF bus 2 output; pull-up to
+5 V
XTAL1
8
crystal oscillator 1
XTAL2
9
crystal oscillator 2
fref(p)
10
PLL reference frequency
output p
fref(n)
11
PLL reference frequency
output n
Iref
12
reference current input
FMIF1IN1
13
72 MHz FM-IF input 1
FMIF1IN2
14
72 MHz FM-IF input 2
REFIN2
15
reference input 2
REFIN3
16
reference input 3
REFIN4
17
reference input 4
REFIN5
18
reference input 5
FMIF2OUT1
19
FM mixer output 1
FMIF2OUT2
20
FM mixer output 2
Vref
21
reference voltage input
AMIF2OUT1
22
AM mixer output 1
AMIF2OUT2
23
AM mixer output 2
FMAMDEC
24
FM/AM 10.7 MHz
decoupling input
DEC1
25
decoupling 1
DEC2
26
decoupling 2
FMAM10.7
27
FM/AM 10.7 MHz input
VDDA2
28
analog supply voltage 2
FMIFAMPOUT
29
FM-IF-amplifier output
n.c.
30
not connected
n.c.
31
not connected
n.c.
32
not connected
AMIF2IN1
33
AM-IF2 input 1
AMIF2IN2
34
AM-IF2 input 2
FMIN2
35
FM limiter input 2
DCFEED
36
DC feed FM limiter
FMIN1
37
FM limiter input 1
LEVELADJ
38
level adjustment
CAFC
39
AFC capacitor
MPBUF
40
multi-path buffer time
constant
n.c.
41
not connected
FMSTOP
42
FMSTOP adjustment
MPXOUT
43
FM demodulator MPX
output
n.c.
44
not connected
n.c.
45
not connected
n.c.
46
not connected
n.c.
47
not connected
AMAFOUT
48
AM demodulator AF output
DEC3
49
decoupling 3
LEVELUNWEIG
50
level unweighted output
n.c.
51
not connected
VDDD
52
digital supply voltage
(+5 V)
SDA
53
serial data input/output;
pull-up to +5 V; I2C-bus
SCL
54
serial clock input;
pull-up to +5 V; I2C-bus
DGND
55
digital ground
VDDA3
56
analog supply voltage 3
(+8.5 V)
SYMBOL
PIN
DESCRIPTION


유사한 부품 번호 - TEA6824

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823 PHILIPS-TEA6823 Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results

유사한 설명 - TEA6824

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com