전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2211SZ1 데이터시트(PDF) 5 Page - Analog Devices

부품명 SSM2211SZ1
상세설명  Low Distortion, 1.5 W Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2211SZ1 데이터시트(HTML) 5 Page - Analog Devices

  SSM2211SZ1 Datasheet HTML 1Page - Analog Devices SSM2211SZ1 Datasheet HTML 2Page - Analog Devices SSM2211SZ1 Datasheet HTML 3Page - Analog Devices SSM2211SZ1 Datasheet HTML 4Page - Analog Devices SSM2211SZ1 Datasheet HTML 5Page - Analog Devices SSM2211SZ1 Datasheet HTML 6Page - Analog Devices SSM2211SZ1 Datasheet HTML 7Page - Analog Devices SSM2211SZ1 Datasheet HTML 8Page - Analog Devices SSM2211SZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SSM2211
Rev. D | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VDD
Common-Mode Input Voltage
VDD
ESD Susceptibility
2000 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +165°C
Lead Temperature Range, Soldering (60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
Unit
8-Lead LFCSP_VD (CP-Suffix)1
50
°C/W
8-Lead SOIC_N (S-Suffix)2
121
°C/W
1 For the LFCSP_VD, θJA is measured with exposed lead frame soldered to the
printed circuit board.
2 For the SOIC_N, θJA is measured with the device soldered to a 4-layer printed
circuit board.
ESD CAUTION


유사한 부품 번호 - SSM2211SZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2211SZ AD-SSM2211SZ Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211SZ-REEL AD-SSM2211SZ-REEL Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211SZ-REEL7 AD-SSM2211SZ-REEL7 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
More results

유사한 설명 - SSM2211SZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211 Datasheet
212Kb / 16P
   Low Distortion 1.5 Watt Audio Power Amplifier
REV. 0
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
   Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
   Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com