전자부품 데이터시트 검색엔진 |
|
TSA5059 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
TSA5059 데이터시트(HTML) 11 Page - NXP Semiconductors |
11 / 24 page 1999 Oct 05 11 Philips Semiconductors Preliminary specification 2.7 GHz I2C-bus controlled low phase noise frequency synthesizer TSA5059 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134); note 1. Note 1. Maximum ratings cannot be exceeded, not even momentarily without causing irreversible IC damage. Maximum ratings cannot be accumulated. HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be completely safe, it is desirable to take normal precautions appropriate to handling integrated circuits. THERMAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage −0.3 +6.0 V V(n) voltage on pins CP, XTAL, XT/COMP, AS, P0, P1, P2, P3, ADC, RFA and RFB −0.3 VCC + 0.3 V SCL and SDA −0.3 +6.0 V VT −0.3 +35 V IO(SDA) serial data output current −1.0 +10.0 mA IO(Px) P0, P1, P2 and P3 output current port switched on −1.0 +20.0 mA IO(ΣPx) sum of currents in P0, P1, P2 and P3 − 50.0 mA Tamb ambient temperature −20 +85 °C Tstg storage temperature −40 +150 °C Tj(max) maximum junction temperature − 150 °C tsc short-circuit time each pin to VCC or GND − 10 s SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth(j-a) thermal resistance from junction to ambient in free air TSA5059T (SOT109-1; SO16) 115 K/W TSA5059TS (SOT369-1; SSOP16) 144 K/W |
유사한 부품 번호 - TSA5059 |
|
유사한 설명 - TSA5059 |