전자부품 데이터시트 검색엔진 |
|
TSA5522 데이터시트(PDF) 9 Page - NXP Semiconductors |
|
TSA5522 데이터시트(HTML) 9 Page - NXP Semiconductors |
9 / 20 page 1996 Jan 23 9 Philips Semiconductors Product specification 1.4 GHz I2C-bus controlled synthesizer TSA5522 THERMAL CHARACTERISTICS CHARACTERISTICS VCC1 = 4.5 to 5.5 V; VCC2 =VCC1 to 13.2 V; Tamb = −20 to 85 °C; unless otherwise specified; see note 1 SYMBOL PARAMETER MAX UNIT Rth j-a thermal resistance from junction to ambient in free air SO16 110 K/W SSOP20 120 K/W SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX UNIT VCC1 supply voltage (+5 V) 4.5 − 5.5 V VCC2 supply voltage (+12 V) VCC1 − 13.5 V ICC1 supply current − 22 30 mA ICC2 supply current One band switch buffer is ON; Isource =20mA − 27 32 mA fRF RF input frequency 64 − 1400 MHz DR divider ratio 15-bit frequency word 256 − 32767 MHz Crystal oscillator fxtal crystal oscillator input frequency Rxtal =25to300 Ω 3.2 4 4.48 MHz Zxtal crystal oscillator input impedance (absolute value) fi = 4 MHz 600 1200 −Ω Prescaler Vi(RF) RF input level VCC1 = 4.5 to 5.5 V; see Fig.4; fi = 80 to 150 MHz −25 − 3dB VCC1 = 4.5 to 5.5 V; see Fig.4; fi = 150 to 1000 MHz −28 − 3dB VCC1 = 4.5 to 5.5 V; see Fig.4; fi = 1000 to 1400 MHz −26 − 3dB PNP band switch buffers outputs |ILO| output leakage current VCC2 = 13.5 V; Vo =0V −10 −− µA Vo(sat) output saturation voltage Isource = 20 mA; note 1 - 0.2 0.5 V NPN open-collector outputs P4, P5, P6 and P7; see note 2 |ILO| output leakage current VCC1 = 5.5 V; Vo = 13.5 V −− 10 µA Vo(sat) output saturation voltage Isink = 20 mA; note 3 − 0.2 0.5 V COL allowed capacitive loading on output pins VOL = 13.5 V 10 nF Input ports P7, P5 and P4; see note 2 VIL LOW level input voltage −− 1.5 V VIH HIGH level input voltage 3 −− V AS input (Address Selection) IIH(AS) HIGH level input current VAS =VCC1 −− 50 µA |
유사한 부품 번호 - TSA5522 |
|
유사한 설명 - TSA5522 |