전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-MGT693 데이터시트(PDF) 10 Page - Seoul Semiconductor

부품명 SSC-MGT693
상세설명  TOP LED DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MGT693 데이터시트(HTML) 10 Page - Seoul Semiconductor

Back Button SSC-MGT693 Datasheet HTML 3Page - Seoul Semiconductor SSC-MGT693 Datasheet HTML 4Page - Seoul Semiconductor SSC-MGT693 Datasheet HTML 5Page - Seoul Semiconductor SSC-MGT693 Datasheet HTML 6Page - Seoul Semiconductor SSC-MGT693 Datasheet HTML 7Page - Seoul Semiconductor SSC-MGT693 Datasheet HTML 8Page - Seoul Semiconductor SSC-MGT693 Datasheet HTML 9Page - Seoul Semiconductor SSC-MGT693 Datasheet HTML 10Page - Seoul Semiconductor SSC-MGT693 Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
11. Precaution for use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in a dry box (or a desiccator)
with a desiccant. Otherwise, to store them in the following environment is recommended.
Temperature : 5ºC ~30ºC Humidity : maximum 70%RH
(2) Attention after open.
LED is correspond to SMD, when LED be soldered dip, interfacial separation may affect the light
transmission efficiency, causing the light intensity to drop. Attention in followed;
Keeping of a fraction
Temperature : 5 ~ 40ºC Humidity : less than 10%
(3) In the case of more than 1 week passed after opening or change color of indicator on desiccant,
components shall be dried 10-12hr. at 60±5ºC.
(4) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to
normal temperature after soldering.
(5) Quick cooling shall be avoided.
(6) Components shall not be mounted on warped direction of PCB.
(7) Anti radioactive ray design is not considered for the products.
(8) This device should not be used in any type of fluid such as water, oil, organic solvent etc. When
washing is required, IPA should be used.
(9) When the LEDs are illuminating, operating current should be decided after considering the ambient
maximum temperature.
(10) The LEDs must be soldered within seven days after opening the moisture-proof packing.
(11) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry
place.
(12) The appearance and specifications of the product may be modified for improvement without notice.
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 10/10 -
SSC-MGT722
SSC-QP-7-03-08(REV.07)


유사한 부품 번호 - SSC-MGT693

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-MGT801 SEOUL-SSC-MGT801 Datasheet
341Kb / 8P
   TOP LED DEVICE
More results

유사한 설명 - SSC-MGT693

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com