전자부품 데이터시트 검색엔진 |
|
SSC-MBT6423 데이터시트(PDF) 10 Page - Seoul Semiconductor |
|
SSC-MBT6423 데이터시트(HTML) 10 Page - Seoul Semiconductor |
10 / 11 page 10. Precaution for use (1) Storage In order to avoid the absorption of moisture, it is recommended to store in a dry box (or a desiccator) with a desiccant. Otherwise, to store them in the following environment is recommended. Temperature : 5ºC ~30ºC Humidity : maximum 70%RH (2) Attention after open. LED is correspond to SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed; Keeping of a fraction Temperature : 5 ~ 40ºC Humidity : less than 10% (3) In the case of more than 1 week passed after opening or change color of indicator on desiccant, components shall be dried 10-12hr. at 60±5ºC. (4) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temperature after soldering. (5) Quick cooling shall be avoided. (6) Components shall not be mounted on warped direction of PCB. (7) Anti radioactive ray design is not considered for the products. (8) This device should not be used in any type of fluid such as water, oil, organic solvent etc. When washing is required, IPA should be used. (9) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (10) The LEDs must be soldered within seven days after opening the moisture-proof packing. (11) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. (12) The appearance and specifications of the product may be modified for improvement without notice. SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6 - 10/9 - SSC-MBT722 SSC-QP-7-03-08(REV.00) |
유사한 부품 번호 - SSC-MBT6423 |
|
유사한 설명 - SSC-MBT6423 |