전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-HYT71222 데이터시트(PDF) 11 Page - Seoul Semiconductor

부품명 SSC-HYT71222
상세설명  TOP LED DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-HYT71222 데이터시트(HTML) 11 Page - Seoul Semiconductor

Back Button SSC-HYT71222 Datasheet HTML 3Page - Seoul Semiconductor SSC-HYT71222 Datasheet HTML 4Page - Seoul Semiconductor SSC-HYT71222 Datasheet HTML 5Page - Seoul Semiconductor SSC-HYT71222 Datasheet HTML 6Page - Seoul Semiconductor SSC-HYT71222 Datasheet HTML 7Page - Seoul Semiconductor SSC-HYT71222 Datasheet HTML 8Page - Seoul Semiconductor SSC-HYT71222 Datasheet HTML 9Page - Seoul Semiconductor SSC-HYT71222 Datasheet HTML 10Page - Seoul Semiconductor SSC-HYT71222 Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
12. Characteristic Diagram
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 11/11 -
SSC-HYT722
SSC-QP-7-03-08(REV.00)
0
20406080
100
0
10
20
30
40
Ambient Temperature T
A[
oC]
3 Chip ON
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
1
10
100
Forward Voltage V
F[V]
50
20
5
0
30
60
90
120
150
180
210
240
270
300
0
1
2
3
4
5
6
(100)
(90)
(80)
(70)
(60)
(50)
(40)
(30)
(10)
(20)
< per die
Forward Current I
F[mA]
< total
Forward Current vs Forward Voltage
(per die)
Forward Current Derating Curve
(per die)
(Ta=25ºC)
(Ta=25ºC)
Relative Luminous Intensity vs Forward Current
(Total)
Radiation Diagram
(TA=25ºC)
-90
-60
-30
90
60
30
0


유사한 부품 번호 - SSC-HYT71222

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HB103-69 SEOUL-SSC-HB103-69 Datasheet
547Kb / 7P
   CHIP LED DEVICE
SSC-HB103-74 SEOUL-SSC-HB103-74 Datasheet
540Kb / 7P
   CHIP LED DEVICE
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-74 SEOUL-SSC-HB105-74 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
More results

유사한 설명 - SSC-HYT71222

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com