전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2013D1YZHR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2013D1YZHR
상세설명  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2013D1YZHR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA2013D1YZHR Datasheet HTML 7Page - Texas Instruments TPA2013D1YZHR Datasheet HTML 8Page - Texas Instruments TPA2013D1YZHR Datasheet HTML 9Page - Texas Instruments TPA2013D1YZHR Datasheet HTML 10Page - Texas Instruments TPA2013D1YZHR Datasheet HTML 11Page - Texas Instruments TPA2013D1YZHR Datasheet HTML 12Page - Texas Instruments TPA2013D1YZHR Datasheet HTML 13Page - Texas Instruments TPA2013D1YZHR Datasheet HTML 14Page - Texas Instruments TPA2013D1YZHR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
20
100
1k
20k
10k
f − Frequency − Hz
0.1
0.01
0.001
G019
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 3.6 V
1
PO = 0.05 W
PO = 1 W
PO = 0.25 W
10
20
100
1k
20k
10k
f − Frequency − Hz
0.1
0.01
0.001
G020
Gain = 2 V/V
PO = 250 mW
RL = 4 Ω + 33 µH
VCC = 4.5 V
1
VDD = 1.8 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
10
20
100
1k
20k
10k
f − Frequency − Hz
0.1
0.01
0.001
G021
Gain = 2 V/V
PO = 250 mW
RL = 4 Ω + 33 µH
VCC = 5.5 V
1
VDD = 1.8 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
10
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G022
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
20
100
1k
20k
10k
VDD = 3.6 V
VDD = 4.2 V
VDD = 2.5 V
VDD = 1.8 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G023
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
20
100
1k
20k
10k
VDD = 3.6 V
VDD = 2.5 V
VDD = 1.8 V
VDD = 4.2 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G024
Gain = 2 V/V
RL = 8 Ω
VCC = 4.5 V
20
100
1k
20k
10k
VDD = 3.6 V
VDD = 2.5 V
VDD = 1.8 V
VDD = 4.2 V
TPA2013D1
SLOS520 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
TOTAL HARMONIC DISTORTION + NOISE
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
POWER SUPPLY REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA2013D1


유사한 부품 번호 - TPA2013D1YZHR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2013D1YZHR TI-TPA2013D1YZHR Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1YZHR TI1-TPA2013D1YZHR Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

유사한 설명 - TPA2013D1YZHR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com