전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4341A-KSZ 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CS4341A-KSZ
상세설명  24-Bit, 192 kHz Stereo DAC with Volume Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341A-KSZ 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CS4341A-KSZ Datasheet HTML 6Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 7Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 8Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 9Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 10Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 11Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 12Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 13Page - Cirrus Logic CS4341A-KSZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CS4341A
10
DS582F2
3.7
Popguard® Transient Control
The CS4341A uses Popguard® technology to minimize the effects of output transients during power-up
and power-down. This technology, when used with external DC-blocking capacitors in series with the au-
dio outputs, minimizes the audio transients commonly produced by single-ended single-supply converters.
It is activated inside the DAC when the PDN bit or the RST pin is enabled/disabled and requires no other
external control, aside from choosing the appropriate DC-blocking capacitors.
3.7.1
Power-up
When the device is initially powered-up, the audio outputs, AOUTL and AOUTR, are clamped to
AGND. Following a delay of approximately 1000 sample periods, each output begins to ramp to-
ward the quiescent voltage. Approximately 10,000 LRCK cycles later, the outputs reach VQ and
audio output begins. This gradual voltage ramping allows time for the external DC-blocking capac-
itors to charge to the quiescent voltage, minimizing the power-up transient.
3.7.2
Power-down
To prevent transients at power-down, the device must first enter its power-down state by enabling
RST or PDN. When this occurs, audio output ceases and the internal output buffers are disconnect-
ed from AOUTL and AOUTR. In their place, a soft-start current sink is substituted which allows
the DC-blocking capacitors to slowly discharge. Once this charge is dissipated, the power to the
device may be turned off and the system is ready for the next power-on.
3.7.3
Discharge Time
To prevent an audio transient at the next power-on, it is necessary to ensure that the DC-blocking
capacitors have fully discharged before turning on the power or exiting the power-down state. If
not, a transient will occur when the audio outputs are initially clamped to AGND. The time that the
device must remain in the power-down state is related to the value of the DC-blocking capacitance.
For example, with a 3.3 µF capacitor, the minimum power-down time will be approximately 0.4
seconds.
3.8
Grounding and Power Supply Arrangements
As with any high resolution converter, the CS4341A requires careful attention to power supply and
grounding arrangements if its potential performance is to be realized. Figure 1 shows the recommended
power arrangements, with VA connected to a clean supply. If the ground planes are split between digital
ground and analog ground, REF_GND & AGND should be connected to the analog ground plane.
Decoupling capacitors should be as close to the DAC as possible, with the low value ceramic capacitor
being the closest. To further minimze impedance, these capacitors should be located on the same layer as
the DAC.
All signals, especially clocks, should be kept away from the FILT+ and VQ pins in order to avoid unwant-
ed coupling into the modulators. The FILT+ and VQ decoupling capacitors, particularly the 0.1 µF, must
be positioned to minimize the electrical path from FILT+ to REF_GND (and VQ to REF_GND), and
should also be located on the same layer as the DAC. The CDB4341A evaluation board demonstrates the
optimum layout and power supply arrangements.


유사한 부품 번호 - CS4341A-KSZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4341A-KS CIRRUS-CS4341A-KS Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
More results

유사한 설명 - CS4341A-KSZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com