전자부품 데이터시트 검색엔진 |
|
CS4345-CZZ 데이터시트(PDF) 8 Page - Cirrus Logic |
|
CS4345-CZZ 데이터시트(HTML) 8 Page - Cirrus Logic |
8 / 24 page 8 DS613F1 CS4344/5/6/8 DIGITAL INPUT CHARACTERISTICS 7. Iin for LRCK is ±20 µA max. POWER AND THERMAL CHARACTERISTICS 8. Current consumption increases with increasing FS and increasing MCLK. Typ and Max values are based on highest FS and highest MCLK. Variance between speed modes is small. 9. Power down mode is defined when all clock and data lines are held static. 10. Valid with the recommended capacitor values on VQ and FILT+ as shown in the typical connection di- agram in Section 3. Figure 1. Output Test Load Figure 2. Maximum Loading Parameters Symbol Min Typ Max Units High-Level Input Voltage (% of VA) VIH 60% - - V Low-Level Input Voltage (% of VA) VIL - - 30% V Input Leakage Current (Note 7) Iin -- ±10 µA Input Capacitance - 8 - pF 5 V Nom 3.3 V Nom Parameters Symbol Min Typ Max Min Typ Max Units Power Supplies Power Supply Current normal operation (Note 8) power-down state (Note 9) IA IA - - 22 220 30 - - - 16 100 21 - mA µA Power Dissipation normal operation power-down state(Note 9) - - 110 1.1 150 - - - 53 0.33 69 - mW mW Package Thermal Resistance θJA -95- -95- °C/Watt Power Supply Rejection Ratio (Note 8) (1 kHz) (60 Hz) PSRR - - 50 40 - - - - 50 40 - - dB dB AO U Tx AG N D 3.3 µF V out R L C L 100 50 75 25 2.5 510 15 Safe Operating Region Resistive Load -- R (k Ω ) L 125 3 20 |
유사한 부품 번호 - CS4345-CZZ |
|
유사한 설명 - CS4345-CZZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |