전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB4351 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 CDB4351
상세설명  192 kHz Stereo DAC with 2 Vrms Line Out
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4351 데이터시트(HTML) 1 Page - Cirrus Logic

  CDB4351 Datasheet HTML 1Page - Cirrus Logic CDB4351 Datasheet HTML 2Page - Cirrus Logic CDB4351 Datasheet HTML 3Page - Cirrus Logic CDB4351 Datasheet HTML 4Page - Cirrus Logic CDB4351 Datasheet HTML 5Page - Cirrus Logic CDB4351 Datasheet HTML 6Page - Cirrus Logic CDB4351 Datasheet HTML 7Page - Cirrus Logic CDB4351 Datasheet HTML 8Page - Cirrus Logic CDB4351 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
192 kHz Stereo DAC with 2 Vrms Line Out
Features
! Multi-Bit Delta-Sigma Modulator
! 24-Bit Conversion
! Up to 192 kHz Sample Rates
! 112 dB Dynamic Range
! -100 dB THD+N
! +3.3 V, +9 to 12 V, and VL Power Supplies
! 2 Vrms Output into 5 k
Ω AC Load
! Digital Volume Control with Soft Ramp
119 dB Attenuation
1/2 dB Step Size
Zero Crossing Click-Free Transitions
! ATAPI Mixing
! Low Clock Jitter Sensitivity
! Popguard® Technology for Control of Clicks
and Pops
Description
The CS4351 is a complete stereo digital-to-analog sys-
tem including digital interpolation, fifth-order multi-bit
delta-sigma digital-to-analog conversion, digital de-em-
phasis, volume control, channel mixing, analog filtering,
and on-chip 2 Vrms line-level driver. The advantages of
this architecture include ideal differential linearity, no
distortion mechanisms due to resistor matching errors,
no linearity drift over time and temperature, high toler-
ance to clock jitter, and a minimal set of external
components.
The CS4351 is available in a 20-pin TSSOP package in
both Commercial (-10°C - +70°C) and Automotive
grades (-40°C to +85°C). The CDB4351 Customer
Demonstration board is also available for device evalu-
ation and implementation suggestions. Please see
“Ordering Information” on page 37 for complete details.
These features are ideal for cost-sensitive, 2-channel
audio systems including DVD players, A/V receivers,
set-top boxes, digital TVs and VCRs, mini-component
systems, and mixing consoles.
PCM
Serial
Interface
Interpolation
Filter with
Volume Control
Internal Voltage
Reference
External
Mute
Control
DAC
erial Audio Input
Left and Right
Mute Controls
2 Vrms LineLevel
Right Channel
Output
2 Vrms Line Level
Left Channel Outpu
Reset
8 Vto 3.3V
DAC
Register/Hardware
Configuration
dware or I2C/SPI
Control Data
Multibit
∆Σ Modulator
3.3 V
9 V to 12 V
Interpolation
Filter with
VolumeControl
Amp
+
Filter
Amp
+
Filter
Auto Speed Mode
Detect
Multibit
∆Σ Modulator
DECEMBER '05
DS566F1
CS4351


유사한 부품 번호 - CDB4351

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB4351 CIRRUS-CDB4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
More results

유사한 설명 - CDB4351

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com