전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4352 데이터시트(PDF) 5 Page - Cirrus Logic

부품명 CS4352
상세설명  192 kHz Stereo DAC with 2 Vrms Line Out
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352 데이터시트(HTML) 5 Page - Cirrus Logic

  CS4352 Datasheet HTML 1Page - Cirrus Logic CS4352 Datasheet HTML 2Page - Cirrus Logic CS4352 Datasheet HTML 3Page - Cirrus Logic CS4352 Datasheet HTML 4Page - Cirrus Logic CS4352 Datasheet HTML 5Page - Cirrus Logic CS4352 Datasheet HTML 6Page - Cirrus Logic CS4352 Datasheet HTML 7Page - Cirrus Logic CS4352 Datasheet HTML 8Page - Cirrus Logic CS4352 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS684F2
5
CS4352
DAC ANALOG CHARACTERISTICS - COMMERCIAL (-CZZ)
Test conditions (unless otherwise specified): TA = 25 °C, VA_H = 9 V, VA = 3.3 V, VD = 3.3 V GND = 0 V; VBIAS+
and VQ capacitors as shown in Figure 2 on page 10; input test signal is a 997 Hz sine wave at 0 dBFS; measure-
ment bandwidth 10 Hz to 20 kHz.
Notes:
1.
One-half LSB of triangular PDF dither is added to data.
Parameter
Symbol
Min
Typ
Max
Unit
All Speed Modes
Fs = 48, 96, and 192 kHz
Dynamic Range (Note 1)
24-bit
A-Weighted
unweighted
16-bit A-Weighted
unweighted
100
97
-
-
106
103
98
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-93
-83
-43
-93
-75
-35
-89
-77
-37
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-noise ratio
(A-wt)
-
106
-
dB
Interchannel Isolation
(1 kHz)
-
99
-
dB
Analog Output - All Modes
Full Scale Output Voltage
1.84
2.00
2.11
Vrms
Common Mode Voltage
VQ
-4
-
Vdc
Max Current draw from an AOUT pin
IOUTmax
-
575
-
µA
Max Current draw from VQ
IQmax
-1
-
µA
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Output Impedance
ZOUT
-50
-
AC-Load Resistance
RL
5-
-
k
Load Capacitance
CL
--
100
pF


유사한 부품 번호 - CS4352

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

유사한 설명 - CS4352

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com