전자부품 데이터시트 검색엔진 |
|
CS49330 데이터시트(PDF) 5 Page - Cirrus Logic |
|
CS49330 데이터시트(HTML) 5 Page - Cirrus Logic |
5 / 12 page CS4932X/CS49330 DS339AM3 5 Note: Tone Control includes basic bass and treble control for each full bandwidth channel. The parametric EQ can not be changed after kickstart. Delays are all channel. • EFF - (a.k.a. C.O.S. - Crystal Original Sound) Reverberative and delay effects code for stereo to multichannel effects processing and +/-12dB Tone Control. This code allows for designers to generate such DSP modes as: Concert Hall, Theater, Jazz Club, etc. Note: Tone Control is implemented as individual bass and treble control on the Left, Right, and Center output channels. There is an output mixer for each channel allowing for multiple speaker configuration settings. However, conventional downmixing is not applicable in the effects code. • EFF_REEQ - Crystal Original Sound with +/- 12dB Tone Control in addition to user- programmable 2nd Order IIR Biquads which are capable of offering Re-EQ™ functionality. Re-EQ coefficients are NOT supplied by Cirrus Logic, Inc. Use of Re-EQ technology requires a license from the THX Division of Lucasfilm, Ltd. Note: Tone Control is implemented as individual bass and treble control on the Left, Right, and Center output channels. Re-EQ is implemented on only the L, C, and R channels. There is an output mixer for each channel allowing for multiple speaker configuration settings. However, conventional downmixing is not applicable in the effects code. • EFFI - Internal Boot Assist (IBA) program for loading Crystal Original Surround code Note: There is an output mixer for each channel allowing for multiple speaker configuration settings. However, conventional downmixing is not applicable in the effects code. Please refer to AN163 for more detail regarding the differences between IBA and Full Download codes. • HDC - Pacific Microsonics HDCD™ PCM Enhancement offers upsampling and resolution enhancement. Note: Autodetection for HDCD is a two step process, please see AN163D for details.The HDCD code is capable of accepting and autodetection HDCD and non-HDCD encoded PCM stereo inputs with an Fs from 32 kHz to 96 kHz. HDCD processing is only available for input streams 48kHz and lower. The HDCD is also capable of upsampling 32 kHz to 64 kHz, 44.1 kHz to 88.2 kHz, and 48kHz to 96kHz. • LG7 - Logic 5™ (previously called “Logic 7”) is a PCM Enhancement algorithm created by Lexicon, a Harman International Companym which accepts a 2 channel input and outputs up to 5.1 discrete channels. Fs of PCM input must be 48kHz, 44.1kHz or 32kHz.. • LG7_7DOT1 - Logic 7™ is the next generation PCM Enhancement algorithm from Lexicon, a Harman International Company, which accepts a 2 channel input and outputs up to 7.1 discrete channels. Fs of PCM input must be 96kHz, 88.2kHz, 64kHz, 48kHz, 44.1kHz or 32kHz.. • MPEQ - MPEG Multichannel with Dolby Pro Logic decoder. This code features a 5 Channel, 5 Band Parametric Equalizer Note: The MPEQ code ONLY supports the following MPEG streams: MPEG-2, Layer 2 (with and without extension). MPEG-2 Low Sampling Frequencies are currently not supported. Please refer to AN163 for more details on stream support. ® ® |
유사한 부품 번호 - CS49330 |
|
유사한 설명 - CS49330 |