전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB5364 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CDB5364
상세설명  114 dB, 192 kHz, 4-Channel A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5364 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CDB5364 Datasheet HTML 6Page - Cirrus Logic CDB5364 Datasheet HTML 7Page - Cirrus Logic CDB5364 Datasheet HTML 8Page - Cirrus Logic CDB5364 Datasheet HTML 9Page - Cirrus Logic CDB5364 Datasheet HTML 10Page - Cirrus Logic CDB5364 Datasheet HTML 11Page - Cirrus Logic CDB5364 Datasheet HTML 12Page - Cirrus Logic CDB5364 Datasheet HTML 13Page - Cirrus Logic CDB5364 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
DS625F2
CS5364
3. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = 0 V, all voltages with respect to 0 V.
1. TDM Quad-Speed Mode specified to operate correctly at VLS
≥ 3.14 V.
ABSOLUTE RATINGS
Operation beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed
at these extremes. Transient currents up to ±100 mA on the analog input pins will not cause SCR latch-up.
SYSTEM CLOCKING
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
Positive Analog
Positive Crystal
Positive Digital
Positive Serial Logic
Positive Control Logic
VA
VX
VD
VLS
VLC
4.75
4.75
3.14
1.711
1.71
5.0
5.0
3.3
3.3
3.3
5.25
V
Ambient Operating Temperature
(-CQZ)
(-DQZ)
TAC
TAA
-40
-40
-
-
85
105
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Analog
Positive Crystal
Positive Digital
Positive Serial Logic
Positive Control Logic
VA
VX
VD
VLS
VLC
-0.3
-
+6.0
V
Input Current
Iin
-10
-
+10
mA
Analog Input Voltage
VIN
-0.3
VA+0.3
V
Digital Input Voltage
VIND
VL+0.3
Ambient Operating Temperature (Power Applied)
TA
-50
+95
°C
Storage Temperature
Tstg
-65
+150
Parameter
Symbol
Min
Typ
Max
Unit
Input Master Clock Frequency
MCLK
0.512
55.05
MHz
Input Master Clock Duty Cycle
tclkhl
40
60
%


유사한 부품 번호 - CDB5364

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB5364 CIRRUS-CDB5364 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CDB5364 CIRRUS-CDB5364 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
More results

유사한 설명 - CDB5364

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364_08 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com