전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5344-DZZR 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS5344-DZZR
상세설명  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5344-DZZR 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS5344-DZZR Datasheet HTML 4Page - Cirrus Logic CS5344-DZZR Datasheet HTML 5Page - Cirrus Logic CS5344-DZZR Datasheet HTML 6Page - Cirrus Logic CS5344-DZZR Datasheet HTML 7Page - Cirrus Logic CS5344-DZZR Datasheet HTML 8Page - Cirrus Logic CS5344-DZZR Datasheet HTML 9Page - Cirrus Logic CS5344-DZZR Datasheet HTML 10Page - Cirrus Logic CS5344-DZZR Datasheet HTML 11Page - Cirrus Logic CS5344-DZZR Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
DS687F1
CS5343/4
DIGITAL FILTER CHARACTERISTICS
Notes:
6.
Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
DC ELECTRICAL CHARACTERISTICS
GND = 0 V, all voltages with respect to 0 V. MCLK=12.288 MHz; Master Mode.
Notes:
7.
Device enters power-down mode when MCLK is held static.
8.
Valid with the recommended capacitor values on FILT+ and VQ as shown in the Typical Connection
Diagram.
Parameter
Symbol
Min
Typ
Max
Unit
Passband
(-0.1 dB)
0
-
0.489
Fs
Passband Ripple
-0.025
-
0.025
dB
Stopband
0.560
-
-
Fs
Stopband Attenuation
69
-
-
dB
Single-Speed Mode
Fs = 4 - 54 kHz
Total Group Delay (Fs = Output Sample Rate)
tgd
-
12/Fs
-
s
Double-Speed Mode
Fs = 86 - 108 kHz
Total Group Delay (Fs = Output Sample Rate)
tgd
-9/Fs
-
s
High-Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
(Note 6)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 6)
-10
-
Deg
Passband Ripple
-
-
0
dB
Parameter
Symbol
VA = 3.3 V
VA = 5.0 V
Min
Typ
Max Min
Typ
Max
Unit
Power Supply Current
(Normal Operation)
IA
-
11
15
-
12
17
mA
Power Supply Current
(Power-Down Mode) (Note 7)
IA
-10
-
-
40
-
uA
Power Consumption
(Normal Operation)
(Power-Down Mode) (Note 7)
-
-
-
-
36
<1
50
-
-
-
60
<1
85
-
mW
mW
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Rejection Ratio (1 kHz)
(Note 8)
PSRR
-
65
-
dB
VQ Nominal Voltage
Output Impedance
-
-
0.44xVA
25
-
-
V
k
Ω
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
VA
220
2.5
-
-
-
V
k
Ω
uA


유사한 부품 번호 - CS5344-DZZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5344-DZZR CIRRUS-CS5344-DZZR Datasheet
370Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5344-DZZR CIRRUS-CS5344-DZZR Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results

유사한 설명 - CS5344-DZZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5343 CIRRUS-CS5343 Datasheet
370Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_08 Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
   120 dB, 96 kHZ Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com