전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5368-CQZR 데이터시트(PDF) 5 Page - Cirrus Logic

부품명 CS5368-CQZR
상세설명  114 dB, 192 kHz, 8-Channel A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368-CQZR 데이터시트(HTML) 5 Page - Cirrus Logic

  CS5368-CQZR Datasheet HTML 1Page - Cirrus Logic CS5368-CQZR Datasheet HTML 2Page - Cirrus Logic CS5368-CQZR Datasheet HTML 3Page - Cirrus Logic CS5368-CQZR Datasheet HTML 4Page - Cirrus Logic CS5368-CQZR Datasheet HTML 5Page - Cirrus Logic CS5368-CQZR Datasheet HTML 6Page - Cirrus Logic CS5368-CQZR Datasheet HTML 7Page - Cirrus Logic CS5368-CQZR Datasheet HTML 8Page - Cirrus Logic CS5368-CQZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
DS624F2
5
CS5368
LIST OF TABLES
Table 1. Power Supply Pin Definitions ...................................................................................................... 19
Table 2. DIF1 and DIF0 Pin Settings ........................................................................................................ 23
Table 3. M1 and M0 Settings .................................................................................................................... 23
Table 4. Frequencies for 48 kHz Sample Rate using LJ/I²S ..................................................................... 25
Table 5. Frequencies for 96 kHz Sample Rate using LJ/I²S ..................................................................... 25
Table 6. Frequencies for 192 kHz Sample Rate using LJ/I²S ................................................................... 25
Table 7. Frequencies for 48 kHz Sample Rate using TDM ....................................................................... 25
Table 8. Frequencies for 48 kHz Sample Rate using TDM ....................................................................... 25
Table 9. Frequencies for 96 kHz Sample Rate using TDM ....................................................................... 26
Table 10. Frequencies for 96 kHz Sample Rate using TDM ..................................................................... 26
Table 11. Frequencies for 192 kHz Sample Rate using TDM ................................................................... 26
Table 12. Frequencies for 192 kHz Sample Rate using TDM ................................................................... 26


유사한 부품 번호 - CS5368-CQZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5368-CQZR CIRRUS-CS5368-CQZR Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS5368-CQZR CIRRUS-CS5368-CQZR Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS5368-CQZR CIRRUS-CS5368-CQZR Datasheet
385Kb / 42P
   114 dB, 192 kHz, 8-Channel A/D Converter
More results

유사한 설명 - CS5368-CQZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com