전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

CPH5862 데이터시트(Datasheet) 5 Page - Sanyo Semicon Device

부품명 CPH5862
상세내용  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SANYO [Sanyo Semicon Device]
홈페이지  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
CPH5862
No. A0464-5/5
PS
[SBD]
[SBD]
IS
20ms
t
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
6
4
2
5
3
1
ID00387
1.0
10
2
2
2
3
5
5
10
100
7
7
35
7
2
3
5
C -- VR
f=1MHz
ID00386
IFSM -- t
θ
360
°
(2)
(4)
(3)
(1)
0
0
0.2
0.8
0.6
0.4
0.2
0.4
0.6
1.0
0.8
PF(AV) -- IO
ID00385
[SBD]
180
°
360
°
Time, t -- s
Reverse Voltage, VR -- V
Average Output Current, IO -- A
(1) Rectangular wave
θ=60°
(2) Rectangular wave
θ=120°
(3) Rectangular wave
θ=180°
(4) Sine wave
θ=180°
Rectangular
wave
Sine wave
Current waveform 50Hz sine wave
Note on usage : Since the CPH5862 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
This catalog provides information as of August, 2007. Specifications and information herein are subject
to change without notice.




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
CPH5847MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device 1 2 3 4 5 MoreSanyo Semicon Device
CPH5846MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device 1 2 3 4 5 MoreSanyo Semicon Device
3HN04MHN-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
2SK4044N-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
2SK4066N-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 5 Sanyo Semicon Device
2SK3977N-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
CPH5852MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode 1 2 3 4 5 MoreSanyo Semicon Device
CPH5616N-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
2SK3979N-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
2SK4062LSN-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 5 Sanyo Semicon Device

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl